Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD720201 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # PD720201
Description  ASSP (USB3.0 HOST CONTROLLER)
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD720201 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button PD720201 Datasheet HTML 30Page - Renesas Technology Corp PD720201 Datasheet HTML 31Page - Renesas Technology Corp PD720201 Datasheet HTML 32Page - Renesas Technology Corp PD720201 Datasheet HTML 33Page - Renesas Technology Corp PD720201 Datasheet HTML 34Page - Renesas Technology Corp PD720201 Datasheet HTML 35Page - Renesas Technology Corp PD720201 Datasheet HTML 36Page - Renesas Technology Corp PD720201 Datasheet HTML 37Page - Renesas Technology Corp PD720201 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
μPD720201/μPD720202
3. ELECTRICAL SPECIFICATIONS
R19DS0047EJ0500 Rev. 5.00
Page 34 of 40
Jan. 17, 2013
3.8.10
SPI Type Serial ROM Interface
Table 3-25.
SPI Type Serial ROM Interface Signals Timing (SPI Mode 0)
Parameter
Symbol
Min.
Max.
Units
SPISCK Clock Frequency
1
20
MHz
Clock pulses width Low
t
SCLLOW
25
ns
Clock pulses width high
t
SCLHIGH
25
ns
SPICSB disable time
t
SCSDIS
100
ns
SPICSB setup time
t
SCSSU
25
ns
SPICSB hold time
t
SCSH
20
ns
SPISI setup time to SPISCK rising edge
t
SDWSU
6
ns
SPISI hold time from SPISCK rising edge
t
SDWH
6
ns
SPISO validate time from SPISCK falling
edge
t
SDRVALID
25
ns
SPISO hold time from SPISCK falling edge
t
SDRH
0
ns
SPISO pull-up time from SPICSB disabled
(Note)
t
SRDET
170
ns
Note “SPISO disable time from SPICSB disabled [t
SDRDIS]” is expanded including “SPISO pull-up time [tSRDET]” as of Rev5.00.
This specification must be met only if
μPD720201 and μPD720202 aborts firmware loading by PCIe reset.
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com