Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F84A Datasheet(PDF) 309 Page - Microchip Technology

Part # PIC16F84A
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A Datasheet(HTML) 309 Page - Microchip Technology

Back Button PIC16F84A Datasheet HTML 305Page - Microchip Technology PIC16F84A Datasheet HTML 306Page - Microchip Technology PIC16F84A Datasheet HTML 307Page - Microchip Technology PIC16F84A Datasheet HTML 308Page - Microchip Technology PIC16F84A Datasheet HTML 309Page - Microchip Technology PIC16F84A Datasheet HTML 310Page - Microchip Technology PIC16F84A Datasheet HTML 311Page - Microchip Technology PIC16F84A Datasheet HTML 312Page - Microchip Technology PIC16F84A Datasheet HTML 313Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 337 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 309
PIC16C6X
APPENDIX E: PIC16/17 MICROCONTROLLERS
E.1
PIC12CXXX Family of Devices
E.2
PIC14C000 Family of Devices
PIC12C508
PIC12C509
PIC12C671
PIC12C672
Clock
Maximum Frequency
of Operation (MHz)
4444
Memory
EPROM Program Memory
512 x 12
1024 x 12
1024 x 14
2048 x 14
Data Memory (bytes)
25
41
128
128
Peripherals
Timer Module(s)
TMR0
TMR0
TMR0
TMR0
A/D Converter (8-bit) Channels
—
—
4
4
Features
Wake-up from SLEEP on
pin change
Yes
Yes
Yes
Yes
I/O Pins
5555
Input Pins
1111
Internal Pull-ups
Yes
Yes
Yes
Yes
Voltage Range (Volts)
2.5-5.5
2.5-5.5
2.5-5.5
2.5-5.5
In-Circuit Serial Programming
Yes
Yes
Yes
Yes
Number of Instructions
33
33
35
35
Packages
8-pin DIP, SOIC
8-pin DIP, SOIC
8-pin DIP, SOIC
8-pin DIP, SOIC
All PIC12C5XX devices have Power-on Reset, selectable Watchdog Timer, selectable code protect and high I/O current capability.
All PIC12C5XX devices use serial programming with data pin GP1 and clock pin GP0.
PIC14C000
Clock
Maximum Frequency of Operation (MHz)
20
Memory
EPROM Program Memory (x14 words)
4K
Data Memory (bytes)
192
Timer Module(s)
TMR0
ADTMR
Peripherals
Serial Port(s)
(SPI/I2C, USART)
I2C with SMBus
Support
Features
Slope A/D Converter Channels
8 External; 6 Internal
Interrupt Sources
11
I/O Pins
22
Voltage Range (Volts)
2.7-6.0
In-Circuit Serial Programming
Yes
Additional On-chip Features
Internal 4MHz Oscillator, Bandgap Reference,Temperature Sensor,
Calibration Factors, Low Voltage Detector, SLEEP, HIBERNATE,
Comparators with Programmable References (2)
Packages
28-pin DIP (.300 mil), SOIC, SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com