| Electronic Components Datasheet Search |
|
PIC17C44 Datasheet(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC17C44 Datasheet(HTML) 12 Page - Microchip Technology |
|
12 / 241 page ![]() PIC17C4X DS30412C-page 12 © 1996 Microchip Technology Inc. TABLE 3-1: PINOUT DESCRIPTIONS Name DIP No. PLCC No. QFP No. I/O/P Type Buffer Type Description OSC1/CLKIN 19 21 37 I ST Oscillator input in crystal/resonator or RC oscillator mode. External clock input in external clock mode. OSC2/CLKOUT 20 22 38 O — Oscillator output. Connects to crystal or resonator in crystal oscillator mode. In RC oscillator or external clock modes OSC2 pin outputs CLKOUT which has one fourth the fre- quency of OSC1 and denotes the instruction cycle rate. MCLR/VPP 32 35 7 I/P ST Master clear (reset) input/Programming Voltage (VPP) input. This is the active low reset input to the chip. PORTA is a bi-directional I/O Port except for RA0 and RA1 which are input only. RA0/INT 26 28 44 I ST RA0/INT can also be selected as an external interrupt input. Interrupt can be configured to be on positive or negative edge. RA1/T0CKI 25 27 43 I ST RA1/T0CKI can also be selected as an external interrupt input, and the interrupt can be configured to be on posi- tive or negative edge. RA1/T0CKI can also be selected to be the clock input to the Timer0 timer/counter. RA2 24 26 42 I/O ST High voltage, high current, open drain input/output port pins. RA3 23 25 41 I/O ST High voltage, high current, open drain input/output port pins. RA4/RX/DT 22 24 40 I/O ST RA4/RX/DT can also be selected as the USART (SCI) Asynchronous Receive or USART (SCI) Synchronous Data. RA5/TX/CK 21 23 39 I/O ST RA5/TX/CK can also be selected as the USART (SCI) Asynchronous Transmit or USART (SCI) Synchronous Clock. PORTB is a bi-directional I/O Port with software configurable weak pull-ups. RB0/CAP1 11 13 29 I/O ST RB0/CAP1 can also be the CAP1 input pin. RB1/CAP2 12 14 30 I/O ST RB1/CAP2 can also be the CAP2 input pin. RB2/PWM1 13 15 31 I/O ST RB2/PWM1 can also be the PWM1 output pin. RB3/PWM2 14 16 32 I/O ST RB3/PWM2 can also be the PWM2 output pin. RB4/TCLK12 15 17 33 I/O ST RB4/TCLK12 can also be the external clock input to Timer1 and Timer2. RB5/TCLK3 16 18 34 I/O ST RB5/TCLK3 can also be the external clock input to Timer3. RB6 17 19 35 I/O ST RB7 18 20 36 I/O ST PORTC is a bi-directional I/O Port. RC0/AD0 2 3 19 I/O TTL This is also the lower half of the 16-bit wide system bus in microprocessor mode or extended microcontroller mode. In multiplexed system bus configuration, these pins are address output as well as data input or output. RC1/AD1 3 4 20 I/O TTL RC2/AD2 4 5 21 I/O TTL RC3/AD3 5 6 22 I/O TTL RC4/AD4 6 7 23 I/O TTL RC5/AD5 7 8 24 I/O TTL RC6/AD6 8 9 25 I/O TTL RC7/AD7 9 10 26 I/O TTL Legend: I = Input only; O = Output only; I/O = Input/Output; P = Power; — = Not Used; TTL = TTL input; ST = Schmitt Trigger input. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |