Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2503A Datasheet(PDF) 11 Page - SMSC Corporation

Part # USB2503A
Description  Integrated USB 2.0 Compatible 3-Port Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2503A Datasheet(HTML) 11 Page - SMSC Corporation

Back Button USB2503A Datasheet HTML 7Page - SMSC Corporation USB2503A Datasheet HTML 8Page - SMSC Corporation USB2503A Datasheet HTML 9Page - SMSC Corporation USB2503A Datasheet HTML 10Page - SMSC Corporation USB2503A Datasheet HTML 11Page - SMSC Corporation USB2503A Datasheet HTML 12Page - SMSC Corporation USB2503A Datasheet HTML 13Page - SMSC Corporation USB2503A Datasheet HTML 14Page - SMSC Corporation USB2503A Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Integrated USB 2.0 Compatible 3-Port Hub
Datasheet
SMSC USB2503/USB2503A
11
Revision 2.3 (08-27-07)
DATASHEET
Port Power
Polarity strapping.
PRTPWR_POL
I/O12
Port Power Polarity strapping determination for the active
signal polarity of the PRTPWR[3:1] pins.
While RESET_N is asserted, the logic state of this pin will
(though the use of internal combinatorial logic) determine
the active state of the PRTPWR[3:1] pins in order to ensure
that downstream port power is not inadvertently enabled to
inactive ports during a hardware reset.
When RESET_N is negated, the logic value will be latched
internally, and will retain the active signal polarity for
PRTPWR[3:1] pins.
‘1’ = PRTPWR[3:1] pins have an active ‘high’ polartity
‘0’ = PRTPWR[3:1] pins have an active ‘low’ polarity
Over Current
Sense
OCS[3:1]_N
IPU
Input from external current monitor indicating an over-
current condition. {Note: Contains internal pull-up to 3.3V
supply}
USB Transceiver
Bias
RBIAS
I-R
A 12.0k
Ω (+/− 1%) resistor is attached from ground to this
pin to set the transceiver’s internal bias settings.
SERIAL PORT INTERFACE
Serial Data/SMB
Data
SDA/SMBDATA
IOSD12
(Serial Data)/(SMB Data) signal.
Serial Clock/SMB
Clock
&
Chip Select /
EEPROM Select
SCL/SMBCLK/
CFG_SEL0
IOSD12
(Serial Clock)/(SMB Clock) signal. This multifunction pin is
read on the rising edge of RESET_N negation and will
determine the hub configuration method as described in
Table 4.2.
SMB
Programming
Select
CFG_SEL1
I
This pin is read on the rising edge of RESET_N negation
and will detemine the hub configuration method as
described in Table 4.2.
Table 4.2 SMBus or EEPROM Interface Behavior
CFG_SEL1
CFG_SEL0
SMBus or EEPROM interface behavior.
0
X
Configured as an SMBus slave for external download of user-defined
descriptors. SMBus slave address is :0101101
1
0
Internal Default Configuration via strapping options.
1
1
2-wire (I2C) EEPROMS are supported, and CFG_SEL0 has no other
functionality.
Table 4.3 Miscellaneous Pins
NAME
SYMBOL
TYPE
FUNCTION
Crystal
Input/External
Clock Input
XTAL1/
CLKIN
ICLKx
24MHz crystal or external clock input.
This pin connects to either one terminal of the crystal or
to an external 24MHz clock when a crystal is not used.
Table 4.1 3-Port Hub Pin Descriptions (continued)
NAME
SYMBOL
TYPE
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com