Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3543-ECTP Datasheet(PDF) 72 Page - ams AG

Part # AS3543-ECTP
Description  High End Stereo Audio Codec wi th System PMU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543-ECTP Datasheet(HTML) 72 Page - ams AG

Back Button AS3543-ECTP Datasheet HTML 68Page - ams AG AS3543-ECTP Datasheet HTML 69Page - ams AG AS3543-ECTP Datasheet HTML 70Page - ams AG AS3543-ECTP Datasheet HTML 71Page - ams AG AS3543-ECTP Datasheet HTML 72Page - ams AG AS3543-ECTP Datasheet HTML 73Page - ams AG AS3543-ECTP Datasheet HTML 74Page - ams AG AS3543-ECTP Datasheet HTML 75Page - ams AG AS3543-ECTP Datasheet HTML 76Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
www.austriamicrosystems.com
Revision 1.11
71 - 91
AS3543 3v2
Data Sheet - R e g i s t e r D e f i n i t i o n
3:2
DRIVE_XRES<1:0>
00
R/W
Sets the XRES output pin to open-drain, push-pull or tri-state
and sets various driving strengths
00: 6mA open-drain output
01: 6mA push-pull output
10: 1mA push-pull output
11: HiZ, stri-state
1:0
MUX_XRES<1:0>
00
R/W
Multiplexes various digital signals to the XRES output pin
00: XRES, active low reset signal
01: CLK32k, 32kHz RTC oszillator output
10: CLKINT1, internal clock signal, see Clk_Cntr regsiter
11: PWM, PMW_Cntr register
Table 69. Out_Cntr2 Register
Name
Base
Default
Out_Cntr2
2-wire serial
00h
Offset: 1Ah-2
Q24M and Q32k Output Control Register
This is an extended register and needs to be enabled by writing 010b to Reg. 1Ch first.
This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description
7:6
DRIVE_Q24M<1:0>
00
R/W
Sets the PWGD output pin to push-pull or tri-state and sets
various driving strengths
00: 6mA push-pull output
01: HiZ, stri-state
10: 2mA push-pull output
11: 1mA push-pull output
5:4
MUX_Q24M<1:0>
00
R/W
Multiplexes various digital signals to the PWGD output pin
00: CLK24M, 24MHz oszillator output signal
01: CLKINT1, internal clock signal, see Clk_Cntr regsiter
10: CLKINT2, internal clock signal, see Clk_Cntr regsiter
11: PWM, PMW_Cntr register
3:2
DRIVE_Q32k<1:0>
00
R/W
Sets the XRES output pin to push-pull or tri-state and sets
various driving strengths
00: 6mA push-pull output
01: HiZ, stri-state
10: 2mA push-pull output
11: 1mA push-pull output
1:0
MUX_Q32k<1:0>
00
R/W
Multiplexes various digital signals to the XRES output pin
00: CLK32k, 32kHz RTC oszillator output signal
01: CLKINT1, internal clock signal, see Clk_Cntr regsiter
10: CLKINT2, internal clock signal, see Clk_Cntr regsiter
11: PWM, PMW_Cntr register
Table 68. Out_Cntr1 Register
Name
Base
Default
Out_Cntr1
2-wire serial
00h
Offset: 1Ah-1
PWGD and XRES Output Control Register
This is an extended register and needs to be enabled by writing 001b to Reg. 1Ch first.
This register is reset at a AVDD27-POR.
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com