Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3607 Datasheet(PDF) 34 Page - ams AG

Part # AS3607
Description  System PMU with HV Back Light Driver
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3607 Datasheet(HTML) 34 Page - ams AG

Back Button AS3607 Datasheet HTML 30Page - ams AG AS3607 Datasheet HTML 31Page - ams AG AS3607 Datasheet HTML 32Page - ams AG AS3607 Datasheet HTML 33Page - ams AG AS3607 Datasheet HTML 34Page - ams AG AS3607 Datasheet HTML 35Page - ams AG AS3607 Datasheet HTML 36Page - ams AG AS3607 Datasheet HTML 37Page - ams AG AS3607 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
www.austriamicrosystems.com
Revision 1.03
33 - 70
AS3606 AS3607 2v2
Data Sheet - D e t a i l e d D e s c r i p t i o n - S Y S T E M F u n c t i o n s
Figure 18. Sequential Read
Sequential Read is the extended form of Random Read, as more than one register-data bytes are transferred subsequently. In difference to the
Random Read, for a sequential read the transferred register-data bytes are responded by an acknowledge from the master. The number of data
bytes transferred in one sequence is unlimited (consider the behavior of the word-address counter). To terminate the transmission the master
has to send a not-acknowledge following the last data byte and generate the STOP condition subsequently.
Figure 19. Current Address Read
To keep the access time as small as possible, this format allows a read access without the word address transfer in advance to the data transfer.
The bus is idle and the master issues a START condition followed by the Device-Read address. Analogous to Random Read, a single byte
transfer is terminated with a not-acknowledge after the 1st register byte. Analogous to Sequential Read an unlimited number of data bytes can
be transferred, where the data bytes has to be responded with an acknowledge from the master. For termination of the transmission the master
sends a not-acknowledge following the last data byte and a subsequent STOP condition.
S
DW
A
WA
A
N
A
read register
WA++
data
Sr
DR
P
reg_data 2
A
read register
WA++
reg_data n
...
A
read register
WA++
S
N
A
read register
WA++
data
DR
P
reg_data 2
A
read register
WA++
reg_data n
...
A
read register
WA++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com