Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3647 Datasheet(PDF) 33 Page - ams AG

Part # AS3647
Description  1600mA High Current LED Flash Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3647 Datasheet(HTML) 33 Page - ams AG

Back Button AS3647 Datasheet HTML 29Page - ams AG AS3647 Datasheet HTML 30Page - ams AG AS3647 Datasheet HTML 31Page - ams AG AS3647 Datasheet HTML 32Page - ams AG AS3647 Datasheet HTML 33Page - ams AG AS3647 Datasheet HTML 34Page - ams AG AS3647 Datasheet HTML 35Page - ams AG AS3647 Datasheet HTML 36Page - ams AG AS3647 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
www.austriamicrosystems.com/AS3647
1.5-4
32 - 37
AS3647/47B
Datasheet, Confidential - A p p l i c a t i o n I n f o r m a t i o n
PCB Layout Guideline
The high speed operation requires proper layout for optimum performance. Route the power traces first and try to min-
imize the area and wire length of the two high frequency/high current loops:
Loop1: CVIN/CVIN2 - LDCDC - pin SW1/2 - pin GND - CVIN/CVIN2
Loop2: CVIN/CVIN2 - LDCDC - pin SW1/2 - pin VOUT1/2 - CVOUT - pin GND - CVIN/CVIN2
At the pin GND a single via (or more vias, which are closely combined) connects to the common ground plane. This
via(s) will isolate the DCDC high frequency currents from the common ground (as most high frequency current will flow
between Loop1 and Loop2 and will not pass the ground plane) - see the ‘island’ in Figure 32.
Figure 32. Layout recommendation
Note: If component placement rules allow, move all components close to the AS3647/47B to reduce the area and
length of Loop1 and Loop2.
An additional 100nF (e.g. Murata GRM155R61C104, >50nF @ 3V, 0402 size) capacitor CVIN2 in parallel to CVIN is rec-
ommended to filter high frequency noise for the power supply of AS3647/47B. This capacitor should be as close as
possible to the GND/VIN pins of AS3647/47B.

  
 


  

 
 
 


 

   !
"
 # !  ! !
$!  
 %

  &!  & " &

 %
'
(
)* '
)* (
AS3647



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com