Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3658 Datasheet(PDF) 65 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 65 Page - ams AG

Back Button AS3658_07 Datasheet HTML 61Page - ams AG AS3658_07 Datasheet HTML 62Page - ams AG AS3658_07 Datasheet HTML 63Page - ams AG AS3658_07 Datasheet HTML 64Page - ams AG AS3658_07 Datasheet HTML 65Page - ams AG AS3658_07 Datasheet HTML 66Page - ams AG AS3658_07 Datasheet HTML 67Page - ams AG AS3658_07 Datasheet HTML 68Page - ams AG AS3658_07 Datasheet HTML 69Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
64 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
Figure 21. Charger Supervision functions – internal circuit
Table 58. NTC Chargersupervision Characteristics, VVBAT=3.0…5.5V; Tamb=–20…+85°C; unless otherwise
specified.
Symbol
Parameter
Min
Typ
Max
Unit
Note
tsample
Sample time for NTC
measurement high or
low temperature
33
ms
Alternating measurement of the NTC
sensor for high temperature and low
temperature with two different
currents
Vcomp
Comparator threshold
for high and low
temperature
measurement
1.8
V
On pin ADC_IN1, if ntc_on<1:0>=1
IHightemp45deg_1
0k
High temperature
current for 45 deg limit,
10k NTC
-7%
388
+7%
µA
ntc_type=0, ntc_high_temp=0,
@ 1.8V threshold
4.64
k
Ω
IHightemp50deg_1
0k
High temperature
current for 50 deg limit,
10k NTC
-7%
457
+7%
µA
ntc_type=0, ntc_high_temp=1,
@ 1.8V threshold
3.94
k
Ω
IHightemp0deg_10k
High temperature
current for 0 deg limit,
10k NTC
60.5
µA
ntc_type=0
@ 1.8V threshold
29.7
k
Ω
IHightemp45deg_1
00k
High temperature
current for 45 deg limit,
100k NTC
39.2
µA
ntc_type=1, ntc_high_temp=0,
@ 1.8V threshold
4.59
k
Ω
ILowtemp50deg_10
0k
Low temperature
current for 50 deg limit,
100k NTC
46.8
µA
ntc_type=1, ntc_high_temp=1,
@ 1.8V threshold
38.5
k
Ω

 ! " #

$


%&
$ #
'
'
(
) *"
(
$ +$*"
,
!"
(
*"
$ +
-
-
$ + ./
#
01)
$ + + * 2
$ +
* !
!
#
$ * !
$ +
3 4
56* -
!
$ + + * 2
# + 
 ) $ + +
7
$ +



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com