Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3658F-BCTP Datasheet(PDF) 102 Page - ams AG

Part # AS3658F-BCTP
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658F-BCTP Datasheet(HTML) 102 Page - ams AG

Back Button AS3658F-BCTP Datasheet HTML 98Page - ams AG AS3658F-BCTP Datasheet HTML 99Page - ams AG AS3658F-BCTP Datasheet HTML 100Page - ams AG AS3658F-BCTP Datasheet HTML 101Page - ams AG AS3658F-BCTP Datasheet HTML 102Page - ams AG AS3658F-BCTP Datasheet HTML 103Page - ams AG AS3658F-BCTP Datasheet HTML 104Page - ams AG AS3658F-BCTP Datasheet HTML 105Page - ams AG AS3658F-BCTP Datasheet HTML 106Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
101 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
Figure 48. EQ Filter frequency response -3dB
Each band has a range from -12 to +12 dB with each increment equal to ±3dB.
For sample frequencies of the I2S stream different from 44.1kHz, the filter frequencies are shifted (ratiometric).
Table 104. EQ_LP Register
Addr: 90
EQ_LP
These bits control the gain of the low pass filter in dB
Bit
Bit Name
Default
Access
Description
3:0
eq_lp_gain
0000b
R/W
EQ_LP filter gain (-12dB... +12dB)
0h
0dB
1h
3dB
2h
6dB
3h
9dB
4h
12dB
bh
-3dB
ch
-6dB
dh
-9dB
eh
-12dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com