Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3676 Datasheet(PDF) 29 Page - ams AG

Part # AS3676
Description  Flexible Lighting Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3676 Datasheet(HTML) 29 Page - ams AG

Back Button AS3676 Datasheet HTML 25Page - ams AG AS3676 Datasheet HTML 26Page - ams AG AS3676 Datasheet HTML 27Page - ams AG AS3676 Datasheet HTML 28Page - ams AG AS3676 Datasheet HTML 29Page - ams AG AS3676 Datasheet HTML 30Page - ams AG AS3676 Datasheet HTML 31Page - ams AG AS3676 Datasheet HTML 32Page - ams AG AS3676 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
www.austriamicrosystems.com/AS3676
1v1-4
28 - 91
AS3676
Datasheet - D e ta i l e d D e s c r i p t i o n
7
strobe_pin
0R/W
Select strobe input pin and current sink outputs (only if
strobe_ctrl=10 or 11)
0
CURR1 is strobe input; CURR30...CURR33
flash output; set gpi_curr1_en=1
1
CURR30 is strobe input; CURR1, CURR2,
CURR6 flash output; set gpi_curr30_en=1
Table 30. Curr3 strobe control
Register
Addr: 11h
Curr3 strobe control
This register selects the modes of the current sinks30..33 current.
Bit
Bit Name
Default Access
Description
1:0
strobe_ctrl
00b
R/W
Strobe is triggered by
00b
off
01b
software trigger (setting this bit automatically
triggers strobe)
10b
CURR1 (or CURR30 see strobe_pin)
active high
11b
CURR1 (or CURR30 see strobe_pin)
active low
3:2
strobe_mode
00b
R/W
Selects strobe mode
00b
Mode1 (Tstrobe=Ts; strobe trigger signal
10µs)
01b
Mode 2 (Tstrobe=max Ts)
10b
Mode 3 (Tstrobe = strobe signal)
11b
not used
Table 29. Curr3 control2
Register (Continued)
Addr: 12h
Curr3 control2
This register selects the modes of the current sinks30..33 current.
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com