Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3685A Datasheet(PDF) 12 Page - ams AG

Part # AS3685A
Description  Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3685A Datasheet(HTML) 12 Page - ams AG

Back Button AS3685A Datasheet HTML 8Page - ams AG AS3685A Datasheet HTML 9Page - ams AG AS3685A Datasheet HTML 10Page - ams AG AS3685A Datasheet HTML 11Page - ams AG AS3685A Datasheet HTML 12Page - ams AG AS3685A Datasheet HTML 13Page - ams AG AS3685A Datasheet HTML 14Page - ams AG AS3685A Datasheet HTML 15Page - ams AG AS3685A Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
AS3685A/AS3685B
Datasheet
www.austriamicrosystems.com/
AS3685
(ptr)
Revision 2.2
11 - 24
Figure 15 – AS3685A Pulsed Indicator Mode
EN2
EN1
Set duration of Torch-Pulse (tTORCH)
with number of pulses on pin EN2
off
off
Torch
Current
ILED
t
typ. 64µs
max. 128µs
tTORCH
min tPULSEWIDTH
(1µs)
Table
8 – AS3685A tTORCH timings
H-L Pulses on EN2
tTORCH
1,2
0ms
ignored (noise filter)
3
1ms
4
2ms
5
3ms
6
4ms
7
5ms
8
6ms
9
7ms
10
8ms
11
9ms
12
10ms
13
11ms
14
12ms
15
13ms
16
14ms
≥17
15ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com