Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3909 Datasheet(PDF) 7 Page - ams AG

Part # AS3909
Description  13.56 MHz RFID Reader IC, ISO-14443 A/B
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3909 Datasheet(HTML) 7 Page - ams AG

Back Button AS3909 Datasheet HTML 3Page - ams AG AS3909 Datasheet HTML 4Page - ams AG AS3909 Datasheet HTML 5Page - ams AG AS3909 Datasheet HTML 6Page - ams AG AS3909 Datasheet HTML 7Page - ams AG AS3909 Datasheet HTML 8Page - ams AG AS3909 Datasheet HTML 9Page - ams AG AS3909 Datasheet HTML 10Page - ams AG AS3909 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
ams Datasheet, Confidential: 2013-Oct [3-02]
AS3909/AS3910 – 7
El ec trical Charac t e ristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Operating Conditions
Figure 7:
Operating Conditions
DC / AC Characteristics For Digital Inputs and
Outputs
Figure 8:
DC / AC Characteristics For Digital Inputs and Outputs
Symbol
Parameter
Comments
Min
Max
Unit
VDD
Positive supply
voltage
In case power supply is lower than 2.6V, PSSR
can not be improved using internal regulators
(minimum regulated voltage is 2.4V)
2.4
3.6
V
VSS
Negative supply
voltage
00V
TAMB
Ambient
Temperature
-40
85
ºC
VTRIM
Input pin voltage
TRIM pins
30
V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CMOS Inputs: Valid for input pins EN, SEN, SDATAI, SCLK and TEST
VIH
High level input voltage
0.7 *
VDD
V
VIL
Low level input voltage
0.3 *
VDD
V
ILEAK
Input leakage current
2
μA
RPD
Pull-down resistance pad
EN
100
CMOS Outputs: Valid for output pins SDATAO, INTR and MCU_CLK
VOH
High level output voltage
ISOURCE = 1mA
0.9 *
VDD
V
VOL
Low level output voltage
ISINK = 1mA
0.1 *
VDD
V
CL
Capacitive load
50
pF
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com