Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3930 Datasheet(PDF) 25 Page - ams AG

Part # AS3930
Description  Single Channel Low Frequency Wakeup Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3930 Datasheet(HTML) 25 Page - ams AG

Back Button AS3930_07 Datasheet HTML 21Page - ams AG AS3930_07 Datasheet HTML 22Page - ams AG AS3930_07 Datasheet HTML 23Page - ams AG AS3930_07 Datasheet HTML 24Page - ams AG AS3930_07 Datasheet HTML 25Page - ams AG AS3930_07 Datasheet HTML 26Page - ams AG AS3930_07 Datasheet HTML 27Page - ams AG AS3930_07 Datasheet HTML 28Page - ams AG AS3930_07 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
www.ams.com/LF-Receiver/AS3930
Revision 1.5
25 - 32
AS3930
Datasheet - Detailed Descri p ti on
Figure 19. Concept of False Wake-up Register Together with System
8.8 Real Time Clock (RTC)
The RTC can be based on a crystal oscillator (R1<0>=1), the internal RC-oscillator (R1<0>=0) or an external clock source (R1<0>=1). The
crystal has higher precision of the frequency but a higher current consumption and needs three external components (crystal plus two
capacitors). The RC-oscillator is completely integrated and can be calibrated if a reference signal is available for a very short time to improve the
frequency accuracy. The calibration gets started with the trim_osc direct command. Since no non-volatile memory is available the calibration
must be done every time after the RCO was turned off. The RCO is turned off when the chip is in power down mode, a POR happened, or the
crystal oscillator is enabled. Since the RTC defines the time base of the frequency detection, the selected frequency (frequency of the crystal
oscillator or the reference frequency used for calibration of the RC oscillator) should be about one forth of the carrier frequency:
FRTC ~ FCAR * 0.25
(EQ 1)
Where:
FCAR is the carrier frequency
FRTC is the RTC frequency
Note:
The third option for the RTC is the use of an external clock source, which must be applied directly to the XIN pin (XOUT floating).
Frequency Detector
Pattern Correlator
Wakeup
Level 1
Wakeup
Level 2
WAKE
False wakeup
register
Unsuccessful
pattern
correlation
Register Setup
Microcontroller
READ FALSE WAKEUP REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com