Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3931 Datasheet(PDF) 17 Page - ams AG

Part # AS3931
Description  3D Low Power Wakeup Receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3931 Datasheet(HTML) 17 Page - ams AG

Back Button AS3931 Datasheet HTML 13Page - ams AG AS3931 Datasheet HTML 14Page - ams AG AS3931 Datasheet HTML 15Page - ams AG AS3931 Datasheet HTML 16Page - ams AG AS3931 Datasheet HTML 17Page - ams AG AS3931 Datasheet HTML 18Page - ams AG AS3931 Datasheet HTML 19Page - ams AG AS3931 Datasheet HTML 20Page - ams AG AS3931 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
www.austriamicrosystems.com/AS3931
Revision 6.2
16 - 30
AS3931
Datasheet - Detailed Descr i pti on
8.3.2 Wake Up Detection
A WAKE signal is generated if and only if all 8 LOGIC 1 half-bits and a predefined number of LOGIC 0 half-bits have been identified as correct.
The wakeup detection criteria can be changed: the number of invalid zero half-bits can be programmed from 0 to 3. A valid Wake Up Frame can
be detected at only one of the 3 channels or at more then one channel simultaneously. The single WAKE signals of each channel are ored
together to a common WAKE signal Figure 13.
In case of using the double wake up feature, the settings of the allowed zero half-bit errors apply for each of the sent data pattern individually.
E.g. if you configure the AS3931 to allow 2 zero half-bit errors, the first data pattern can contain up to two invalid zero half-bits as well as the
second data pattern, but it is not possible that the first pattern contains 3 and the second data pattern contains one zero half-bit error (what in
total would give the same number of allowed zero half-bit errors as before). Note that a Double-Wake-Pattern detection is possible also if the two
consecutive Single-Wake-Patterns are assigned to different channels: e.g. if the first pattern is recognized at channel 2 and the second pattern is
recognized at channel 3, then a Double-Wake-Pattern is recognized and the WAKE Pin is activated. All channel combinations are possible. In
case of different channels, it is not possible to decide which channel received the first and which channel received the second data pattern.
8.3.3 WAKE Signal Clearing
After a Wake Up detection, the WAKE output signal must be reset via the Serial Programming Interface. This is done by toggling the bit C5 in the
Channel Select register from low to high and vice versa. This is valid for both cases the Single Wake pattern and the Double Wake pattern
detection. Furthermore, it is also valid for an internal generated Artificial Wakeup (see Extended Operation on page 24).
8.3.4 WAKE Signal After POR
After a power on reset (POR), the WAKE signal is activated (LOW). Therefore, after startup the WAKE signal must be cleared as if a valid Wake
Up would have been detected.
8.3.5 RSSI Operation
The RSSI signal of a selected channel can be measured at the RSSI pin. Each channel can be selected by register settings. To calibrate the
RSSI measurement, the LF inputs can be shortcutted with approximately 500
Ω by internal register settings. Doing so, the RSSI voltage offset
can be measured. The RSSI – signal is buffered at the RSSI pin. The buffer can be deactivated by register settings; in this case the RSSI pin is
tristated (high impedance). However, if the CS signal is not activated, the RSSI pin is tristated. This has to be kept in mind when programming
the AS3931 via the Serial Programming Interface (the CS signal is used to latch the serial data into the selected register at the falling edge of
CS).
8.4 Serial Programming Interface Timing
Figure 17. SPI Timing Waveforms
SCL
SDA
CS
A0
A1
D4
D5
TDVCH
TCLK
TCH
TCL
TSHCH
TCHSL
TSL
TCHDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com