Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3030ECUE-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3030ECUE-T
Description  15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3030ECUE-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3030ECUE-T Datasheet HTML 1Page - Maxim Integrated Products MAX3030ECUE-T Datasheet HTML 2Page - Maxim Integrated Products MAX3030ECUE-T Datasheet HTML 3Page - Maxim Integrated Products MAX3030ECUE-T Datasheet HTML 4Page - Maxim Integrated Products MAX3030ECUE-T Datasheet HTML 5Page - Maxim Integrated Products MAX3030ECUE-T Datasheet HTML 6Page - Maxim Integrated Products MAX3030ECUE-T Datasheet HTML 7Page - Maxim Integrated Products MAX3030ECUE-T Datasheet HTML 8Page - Maxim Integrated Products MAX3030ECUE-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
±15kV ESD-Protected, 3.3V Quad
RS-422 Transmitters
4
_______________________________________________________________________________________
SWITCHING CHARACTERISTICS—MAX3031E, MAX3033E (continued)
(3V
≤ VCC ≤ 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Skew Part to Part
tSK3
RL = 100
Ω, CL = 50pF, VCC = 3.3V,
∆TMAX = +5°C
18
ns
Maximum Data Rate
2
Mbps
Driver Enable to Output High
tDZH
S2 closed, RL = 500
Ω, CL = 50pF,
Figures 4, 5
100
ns
Driver Enable to Output Low
tDZL
S1 closed, RL = 500
Ω, CL = 50pF,
Figures 4, 5
100
ns
Driver Disable Time from Low
tDLZ
S1 closed, RL = 500
Ω, CL = 50pF,
Figures 4, 5
150
ns
Driver Disable Time from High
tDHZ
S2 closed, RL = 500
Ω, CL = 50pF,
Figures 4, 5
150
ns
Note 1: All currents into the device are positive; all currents out of the device are negative. All voltages are referenced to device
ground, unless otherwise noted.
Note 2:
∆VOD and ∆VOC are the changes in VOD and VOC, respectively, when DI changes state.
Note 3: Only one output shorted at a time.
Note 4: This input current is for the hot-swap enable (EN_, EN, EN) inputs and is present until the first transition only. After the first
transition, the input reverts to a standard high-impedance CMOS input with input current ILEAK.
DIFFERENTIAL OUTPUT VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
90
60
30
1
2
3
4
0
0
120
TA = 0
°C
TA = +25
°C
TA = +85
°C
OUTPUT CURRENT
vs. TRANSMITTER OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
3
2
1
50
100
150
200
0
04
OUTPUT CURRENT
vs. TRANSMITTER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
3
2
1
25
50
75
100
125
150
0
04
Typical Operating Characteristics
(VCC = +3.3V and TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com