Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5045 Datasheet(PDF) 28 Page - ams AG

Part # AS5045
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 28 Page - ams AG

Back Button AS5045_10 Datasheet HTML 24Page - ams AG AS5045_10 Datasheet HTML 25Page - ams AG AS5045_10 Datasheet HTML 26Page - ams AG AS5045_10 Datasheet HTML 27Page - ams AG AS5045_10 Datasheet HTML 28Page - ams AG AS5045_10 Datasheet HTML 29Page - ams AG AS5045_10 Datasheet HTML 30Page - ams AG AS5045_10 Datasheet HTML 31Page - ams AG AS5045_10 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
27 – 33
Figure 21. Example of Linearity Error over XY Misalignment
-1000
-700
-400
-100
200
500
800
0
1
2
3
4
5
6
°
x
y
Linearity Error over XY-misalignment [°]
The maximum non-linearity error on this example is better than
±1 degree (inner circle) over a misalignment radius of
~0.7mm. For volume production, the placement tolerance of the IC within the package (
±0.235mm) must also be
taken into account.
The total nonlinearity error over process tolerances, temperature and a misalignment circle radius of 0.25mm is
specified better than
±1.4 degrees.
The magnet used for this measurement was a cylindrical NdFeB (Bomatec® BMN-35H) magnet with 6mm diameter
and 2.5mm in height.
Figure 22. Example of Linearity Error over 360°
Linearity error with centered magnet [degrees]
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
1
55
109
163
217
271
325
379
433
487
541
595
649
703
757
811
865
919
973
transition noise
Err max
Err
min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com