Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5045 Datasheet(PDF) 13 Page - ams AG

Part # AS5045
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 13 Page - ams AG

Back Button AS5045 Datasheet HTML 9Page - ams AG AS5045 Datasheet HTML 10Page - ams AG AS5045 Datasheet HTML 11Page - ams AG AS5045 Datasheet HTML 12Page - ams AG AS5045 Datasheet HTML 13Page - ams AG AS5045 Datasheet HTML 14Page - ams AG AS5045 Datasheet HTML 15Page - ams AG AS5045 Datasheet HTML 16Page - ams AG AS5045 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
12 – 33
7
Functional Description
The AS5045 is manufactured in a CMOS standard process and uses a spinning current Hall technology for sensing
the magnetic field distribution across the surface of the chip.
The integrated Hall elements are placed around the center of the device and deliver a voltage representation of the
magnetic field at the surface of the IC.
Through Sigma-Delta Analog / Digital Conversion and Digital Signal-Processing (DSP) algorithms, the AS5045
provides accurate high-resolution absolute angular position information. For this purpose a Coordinate Rotation
Digital Computer (CORDIC) calculates the angle and the magnitude of the Hall array signals.
The DSP is also used to provide digital information at the outputs M agI NCn and M agD E Cn that indicate
movements of the used magnet towards or away from the device’s surface.
A small low cost diametrically magnetized (two-pole) standard magnet provides the angular position information (see
Figure 17
).
The AS5045 senses the orientation of the magnetic field and calculates a 12-bit binary code. This code can be
accessed via a Synchronous Serial Interface (SSI). In addition, an absolute angular representation is given by a
Pulse Width Modulated signal at pin 12 (PWM). This PWM signal output also allows the generation of a direct
proportional analogue voltage, by using an external Low-Pass-Filter.
The AS5045 is tolerant to magnet misalignment and magnetic stray fields due to differential measurement technique
and Hall sensor conditioning circuitry.
Figure 4. AS5045 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com