Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG2016 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SLG2016
Description  X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SLG2016 Datasheet(HTML) 4 Page - OSRAM GmbH

  SLG2016 Datasheet HTML 1Page - OSRAM GmbH SLG2016 Datasheet HTML 2Page - OSRAM GmbH SLG2016 Datasheet HTML 3Page - OSRAM GmbH SLG2016 Datasheet HTML 4Page - OSRAM GmbH SLG2016 Datasheet HTML 5Page - OSRAM GmbH SLG2016 Datasheet HTML 6Page - OSRAM GmbH SLG2016 Datasheet HTML 7Page - OSRAM GmbH SLG2016 Datasheet HTML 8Page - OSRAM GmbH SLG2016 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SLR2016, SLO2016, SLG2016, SLY2016, SCD5584A
2006-01-23
4
Timing Characteristics—Write Cycle Waveforms
Loading Data
The desired data code (D0–D6) and digit address (A0, A1) must
be held stable during the write cycle for storing new data.
Data entry may be asynchronous. Digit 0 is defined as right hand
digit with A1=A2=0.
Clearing the entire internal four-digit memory can be accomplished
by holding the clear (CLR) low for 1.0 msec minimum. The clear
function will clear the ASCII RAM. Loading an illegal data code will
display a blank.
Pin Function
Pin
Function
Pin
Function
1
WR Write
8
D3 Data
2
A1 Digit Select
9
D4 Data
3
A0 Digit Select
10
D5 Data
4
V
CC
11
D6 Data
5
D0 Data
12
BL Display Blank
6
D1 Data
13
CLR Clear
7
D2 Data
14
GND
Pin Function
Pin
Function
Pin
Function
DC Characteristics at 25°C
Parameters
Min.
Typ.
Max.
Units
Conditions
V
CC
4.5
5.0
5.5
V
ICC Blank
2.3
3.0
mA
V
CC=5.0 V
ICC (80 dots on)
80
105
mA
V
CC=5.0 V
VIL (all inputs)
0.8
V
4.5 V <V
CC <5.5 V
VIH (all inputs)
2.0
V
4.5 V <V
CC <5.5 V
IIL (all inputs)
25
100
µA
4.5 V <V
CC <5.5 V, VIN=0.8 V
AC Characteristics (guaranteed minimum timing
parameters at V
CC=5.0 V ±0.5 V)
Parameter
Symbol
–40°C
+25°C
+85°C
Unit
Address Set
Up Time
TAS
10
10
10
ns
Write Time
TW
60
70
90
ns
Data Set Up
Time
TDS
20
30
50
ns
Address Hold
Time
TAH
20
30
40
ns
Data Hold
Time
TDH
20
30
40
ns
Access Time
TACC
(1)
90
110
140
ns
Clear Disable
Time
TCLRD
1.0
1.0
1.0
µs
Clear Time
TCLR
1.0
1.0
1.0
ms
Note:
1) T
ACC=Set Up Time + Write Time + Hold Time
TAS
TDH
TAH
TDS
TACC
TW
WR
CLR
A0 – A1
D0 – D6
2.0 V
0.8 V
2.0 V
0.8 V
2.0 V
0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com