Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLF12555 Datasheet(PDF) 39 Page - TDK Electronics

Part # SLF12555
Description  Inductors for Power Circuits Wound Ferrite SLFseries
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SLF12555 Datasheet(HTML) 39 Page - TDK Electronics

Back Button SLF12555 Datasheet HTML 35Page - TDK Electronics SLF12555 Datasheet HTML 36Page - TDK Electronics SLF12555 Datasheet HTML 37Page - TDK Electronics SLF12555 Datasheet HTML 38Page - TDK Electronics SLF12555 Datasheet HTML 39Page - TDK Electronics SLF12555 Datasheet HTML 40Page - TDK Electronics SLF12555 Datasheet HTML 41Page - TDK Electronics SLF12555 Datasheet HTML 42Page - TDK Electronics SLF12555 Datasheet HTML 43Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
(39/49)
INDUC
T
O
RS
001-01 / 20130731 / inductor_commercial_power_slf_en.fm
• All specifications are subject to change without notice.
SLF series 
SLF12555 Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
10
1
100
100000
10000
1000
1
10
100
1000
10000
100000
Frequency(kHz)
152M
102M
681M
471M
331M
221M
151M
101M
680M
470M
330M
220M
150M
100M
6R0N
Product No.
Manufacturer
4294A
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com