Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPN7002DS36RGB Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPN7002DS36RGB
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN7002DS36RGB Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPN7002DS36RGB Datasheet HTML 1Page - SYNC POWER Crop. SPN7002DS36RGB Datasheet HTML 2Page - SYNC POWER Crop. SPN7002DS36RGB Datasheet HTML 3Page - SYNC POWER Crop. SPN7002DS36RGB Datasheet HTML 4Page - SYNC POWER Crop. SPN7002DS36RGB Datasheet HTML 5Page - SYNC POWER Crop. SPN7002DS36RGB Datasheet HTML 6Page - SYNC POWER Crop. SPN7002DS36RGB Datasheet HTML 7Page - SYNC POWER Crop. SPN7002DS36RGB Datasheet HTML 8Page - SYNC POWER Crop. SPN7002DS36RGB Datasheet HTML 9Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2010/01/20
Ver.2
Page 1
SPN7002D
Dual N-Channel Enhancement Mode MOSFET
DESCRIPTION
APPLICATIONS
The SPN7002D is the Dual N-Channel enhancement
mode field effect transistors are produced using high
cell density DMOS technology. These products have
been designed to minimize on-state resistance while
provide
rugged,
reliable,
and
fast
switching
performance. They can be used in most applications
requiring up to 300mA DC and can deliver pulsed
currents up to 1.0A. These products are particularly
suited for low voltage, low current applications such as
small servo motor control, power MOSFET gate
drivers, and other switching applications.
Drivers: Relays, Solenoids, Lamps, Hammers,
Display, Memories, Transistors, etc.
High saturation current capability. Direct
Logic-Level Interface: TTL/CMOS
Battery Operated Systems
Solid-State Relays
FEATURES
PIN CONFIGURATION ( SOT-363 / SC-70-6L )
PART MARKING
60V/0.50A , RDS(ON)= 5.0Ω@VGS=10V
60V/0.30A , RDS(ON)= 5.5Ω@VGS=5V
Super high density cell design for extremely low
RDS (ON)
Exceptional on-resistance and maximum DC
current capability
SOT-363 package design


Similar Part No. - SPN7002DS36RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN7002DS36RG SYNC-POWER-SPN7002DS36RG Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - SPN7002DS36RGB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN8233X6 CYSTEKEC-MTDN8233X6 Datasheet
290Kb / 8P
Dual N -Channel Enhancement Mode MOSFET
MTDN8810T8 CYSTEKEC-MTDN8810T8 Datasheet
423Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026_10 Datasheet
236Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
SPN2622 SYNC-POWER-SPN2622 Datasheet
188Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG1026UV DIODES-DMG1026UV Datasheet
240Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Stanson Technology
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
Dual N Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com