Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9410 Datasheet(PDF) 3 Page - API Technologies Corp

Part # HS9410
Description  8 Channel, 12 Bit Data Acquisition System With 關P Interface
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HS9410 Datasheet(HTML) 3 Page - API Technologies Corp

  HS9410 Datasheet HTML 1Page - API Technologies Corp HS9410 Datasheet HTML 2Page - API Technologies Corp HS9410 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.620 M A X
(15.75)
PA CK A GE OUTLINE
Dimensions shown in inches and (mm)
DIM ENSIONS
Inch
mm
0.145
(3.68)
0.010
(0.254)
0.600
(15.240)
0.125 M IN
(3.18)
0.414 M A X
(35.92)
0.052
(1.32)
0.020
(0.51)
15
14
28
PIN 1
DOT
BOTTOM
V IEW
O R D E R I N G I N F O R MAT I O N
PIN
FUNCTION
PIN
FUNCTION
1
D8,o/DB2
28
DB9/DB1
2
DBn(M SB)/DB3
27
DB8/DB0
3
A o
26
DB7
4
R/C
25
DB6
5
GROUND
24
DB5
6
V LOGIC
23
084
7
V EE
22
STS(STA TUS)
8
M UX A DDRESS A 2
21
GA IN
9
M UX A DDRESS A 1
20
OFFSET
10
M UX A DDRESS A 0
19
V cc
11
INPUT CH 1
18
INPUT CH 5
12
INPUT CH 2
17
INPUT CH 6
13
INPUT CH 3
16
INPUT CH 7
14
INPUT CH 4
15
INPUT CH 8
System
Full Scale
M odel
Input
A ccuracy
T.C.
Temp.
M IL
Number1
Range
(% FSR)
(ppm/ºC)
Range
Screening
HS 94XXJ
±0.025
50.0
0ºC to +70ºC
—
HS 94XXK
±0.012
20.0
0ºC to +70ºC
—
HS 94XXS
SEE
±0.025
50.0
–55ºC to +125ºC
—
HS 94XXT
NOTE1
±0.012
25.0
–55ºC to +125ºC
—
HS 94XXS/B
±0.025
50.0
–55ºC to +125ºC
883C
HS 94XXT/B
±0.012
25.0
–55ºC to +125ºC
883C
PIN A SSIGNM ENTS
A BSOLUTE M A XIM UM RA TINGS
V CC to Common GND
0 to +16.5V
V EE to Common GND
0 to –16.5V
V LOGIC Common GND
0 to +7V
Control Inputs (A 0+ R/C) to
Common GND
-0.5V toV LOGIC +0.5V
Power Dissipation
1.3W
Lead Temperature, Soldering
300ºC, 10Sec
M aximum Input V oltage
V CC +20V
M inimum Input V oltage.
V EE –20V
A nalog Input M aximum Current
25mA
M ODEL
INPUT
SUFFIX
RA NGE
10
0 to +10V
11
±5V
12
±10V
A dd letter suffix as required above
HS 94XX
NOTES
1.
STA BILITY
Linearity (ppm/ºC max)
±0.5
±0.5
±0.25
±0.25
Unipolar Offset (ppm/ºC max)
±10
±5
±25
±20
Bipolar Offset (ppm/ºC max)
±25
±20
±25
±20
Gain (Scale Factor)(ppm/ºC max)
TEM PERA TURE RA NGE
Operating
0º to +70ºC
–55ºC to +125ºC
-55ºC to +125ºC
Storage
–25ºC to +85ºC
–65ºC to +150ºC
-55ºC to +125ºC
NOTES
1 For J and K models, positive analog input voltage should not exceed V CC –4 volts. Exceeding \/CC –4 volts can cause an OFF channel to be turned ON. Negative
input voltages and input voltages for S and T models may go to supply voltages. Input voliages exceeding these values will not result in permanent damage as long
as the absolute maximum ratings are not exceeded. 2. 1 K pullup to + 5V recommended for M A 0-MA2 when driven by TTL 3.Maximum change over rated supply
voltage. 4. Externally adjustable to zero. See A pplications Information.
* Specifications same as HS 9410J
HS9410 SERIES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com