Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS5213 Datasheet(PDF) 1 Page - API Technologies Corp

Part # HS5213
Description  12-Bit Adjustment Free ADCs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

HS5213 Datasheet(HTML) 1 Page - API Technologies Corp

  HS5213 Datasheet HTML 1Page - API Technologies Corp HS5213 Datasheet HTML 2Page - API Technologies Corp HS5213 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
12-Bit Adjustment
Free AD Cs
HS5210 SERIES
Data Converter Line
FEATURES
• 12-bit conversion in 10µS typ; 13µS max
• A djustment-free, ±0.0125% linearity
• Low power: 670 mW typ
• W ide operating temperature range: –55ºC to
+125ºC
• Small size: 24-pin, metal-to-metal, hermetic
package
• Full M IL-STD-883 Rev. C, Levels B or S, or
commercial processing
DESCRIPTION
HS5210 Series are extremely fast 12-bit successive
approximation A /D converters providing both
parallel and serial output. A ll models have a
maximum conversion time of 13µS, which allows full
accuracy with a 1 M Hz clock.
HS5210 Series hybrid microcircuit converters are
housed in hermetically sealed 24-pin dual in-line
packages. M iniature size, low power consumption
and adjustment-free operation are product features.
The HS5210 Series provides the user with the best
possible performance in systems requiring maximum
reliability in the smallest space. A ll converters are
completely laser-trimmed, adjustment free, and
incorporate highly stable thin-film resistor networks,
which provide long-term maintenance-free
operation.
HS5210 Series A DCs are available in four input
voltage ranges: 0 to -10 volts (HS5210/13), ±5 volts
(HS5211/14), ±10 volts (HS5212/15), and 0 to +10 volts
(HS5216). For each of these input ranges, the user has
the option of specifying a model complete with an
internal reference or for improved absolute accuracy,
models which require an external reference.
In all cases ±1/2LSB linearity is guaranteed over the
entire operating temperature range.
A ll models of the HS5210 Series may be procured for
operation over the –55ºC to + 125ºC military
temperature range (“ B” models) with the same
operating characteristics as the commercial 0ºC to
+70ºC range. In addition, full military temperature
range models are available processed to M IL-STD-883
Rev. C Level B.
165Cedar Hill Street,Marlborough,MA01752 Tel:508.485.6350 Fax: 508.485.5168
www.SpectrumMicrowave.com


Similar Part No. - HS5213

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HS520A OHMITE-HS520A Datasheet
236Kb / 1P
Hermetically Sealed, Precision
HS520A OHMITE-HS520A Datasheet
190Kb / 1P
Available in 4-terminal on HS500 series
HS520A1M000A OHMITE-HS520A1M000A Datasheet
97Kb / 1P
Hermetically Sealed Precision Ultra-High Stability Axial Terminals
HS520A1M000B OHMITE-HS520A1M000B Datasheet
97Kb / 1P
Hermetically Sealed Precision Ultra-High Stability Axial Terminals
HS520A1M000F OHMITE-HS520A1M000F Datasheet
97Kb / 1P
Hermetically Sealed Precision Ultra-High Stability Axial Terminals
More results

Similar Description - HS5213

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7475 AD-AD7475 Datasheet
218Kb / 16P
1 MSPS, 12-Bit ADCs
REV.A
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
12-Bit, 1MSPS SAR ADCs
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
1MSPS,12-Bit ADCs
REV. B
logo
API Technologies Corp
DAC337 APITECH-DAC337 Datasheet
1Mb / 2P
Adjustment-Free 8-Bit DACs
logo
Linear Technology
LTC2220 LINER-LTC2220_15 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LTC2221 LINER-LTC2221_15 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LTC2222 LINER-LTC2222_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2223 LINER-LTC2223_15 Datasheet
929Kb / 28P
12-Bit,105Msps/ 80Msps ADCs
LTC2220 LINER-LTC2220 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
logo
Analog Devices
AD7475 AD-AD7475_V01 Datasheet
519Kb / 24P
1 MSPS,12-Bit ADCs
Rev. D
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com