Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC05ME4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC05ME4
Description  HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC05ME4 Datasheet(HTML) 3 Page - Texas Instruments

  CD74AC05ME4 Datasheet HTML 1Page - Texas Instruments CD74AC05ME4 Datasheet HTML 2Page - Texas Instruments CD74AC05ME4 Datasheet HTML 3Page - Texas Instruments CD74AC05ME4 Datasheet HTML 4Page - Texas Instruments CD74AC05ME4 Datasheet HTML 5Page - Texas Instruments CD74AC05ME4 Datasheet HTML 6Page - Texas Instruments CD74AC05ME4 Datasheet HTML 7Page - Texas Instruments CD74AC05ME4 Datasheet HTML 8Page - Texas Instruments CD74AC05ME4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CD54AC05, CD74AC05
HEX INVERTERS
WITH OPEN-DRAIN OUTPUTS
SCHS306C – JANUARY 2001 –REVISED JUNE 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
–40
°C TO
85
°C
–55
°C TO
125
°C
UNIT
CC
MIN
MAX
MIN
MAX
MIN
MAX
1.5 V
0.1
0.1
0.1
IOL = 50 µA
3 V
0.1
0.1
0.1
4.5 V
0.1
0.1
0.1
VOL
VI = VIH or VIL
IOL = 12 mA
3 V
0.36
0.44
0.5
V
IOL = 24 mA
4.5 V
0.36
0.44
0.5
IOL = 50 mA†
5.5 V
1.65
IOL = 75 mA†
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
40
80
µA
Ci
10
10
10
pF
† Test one output at a time, not exceeding 1-second duration. Measurement is made by forcing indicated current and measuring voltage to minimize
power dissipation. Test verifies a minimum 50-
Ω transmission-line drive capability at 85°C and 75-Ω transmission-line drive capability at 125°C.
switching characteristics over recommended operating free-air temperature range,
VCC = 1.5 V, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–40
°C TO
85
°C
–55
°C TO
125
°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tPLZ
A
Y
94
103
ns
tPZL
A
Y
74
81
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–40
°C TO
85
°C
–55
°C TO
125
°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tPLZ
A
Y
3
10.4
2.9
11.5
ns
tPZL
A
Y
2.3
8.3
2.3
9.1
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–40
°C TO
85
°C
–55
°C TO
125
°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tPLZ
A
Y
2.2
7.5
2.1
8.2
ns
tPZL
A
Y
1.7
5.9
1.6
6.5
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance
105
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com