Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT157PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT157PW
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT157PW Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT157PW Datasheet HTML 1Page - Texas Instruments CD74ACT157PW Datasheet HTML 2Page - Texas Instruments CD74ACT157PW Datasheet HTML 3Page - Texas Instruments CD74ACT157PW Datasheet HTML 4Page - Texas Instruments CD74ACT157PW Datasheet HTML 5Page - Texas Instruments CD74ACT157PW Datasheet HTML 6Page - Texas Instruments CD74ACT157PW Datasheet HTML 7Page - Texas Instruments CD74ACT157PW Datasheet HTML 8Page - Texas Instruments CD74ACT157PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
CD74ACT157
QUADRUPLE 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
SCHS340B − MARCH 2003 - REVISED JUNE 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Speed of Bipolar F, AS, and S, With
Significantly Reduced Power Consumption
D Balanced Propagation Delays
D ±24-mA Output Drive Current
− Fanout to 15 F Devices
D SCR-Latchup-Resistant CMOS Process and
Circuit Design
D Exceeds 2-kV ESD Protection Per
MIL-STD-883, Method 3015
description/ordering information
This quadruple 2-line to 1-line data selector/multiplexer is designed for 4.5-V to 5.5-V VCC operation.
The CD74ACT157 features a common strobe (G) input. When the strobe is high, all outputs are low. When the
strobe is low, a 4-bit word is selected from one of two sources and is routed to the four outputs. The device
provides true data.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − E
Tube
CD74ACT157E
CD74ACT157E
SOIC − M
Tube
CD74ACT157M
ACT157M
−55
°C to 125°C
SOIC − M
Tape and reel
CD74ACT157M96
ACT157M
−55 C to 125 C
TSSOP − PW
Tube
CD74ACT157PW
HM157
TSSOP − PW
Tape and reel
CD74ACT157PWR
HM157
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
OUTPUT
G
A/B
A
B
OUTPUT
Y
H
X
X
X
L
L
LL
X
L
L
LH
X
H
L
HX
L
L
L
H
X
H
H
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A /B
1A
1B
1Y
2A
2B
2Y
GND
VCC
G
4A
4B
4Y
3A
3B
3Y
E, M, OR PW PACKAGE
(TOP VIEW)


Similar Part No. - CD74ACT157PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT157PW TI1-CD74ACT157PW Datasheet
1Mb / 23P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74ACT157PW TI2-CD74ACT157PW Datasheet
1Mb / 21P
CD74ACT157 Quadruple 2-Line to 1-Line Data Selector/Multiplexer
REVISED AUGUST 2024
CD74ACT157PW TI2-CD74ACT157PW Datasheet
2Mb / 32P
CD74ACT157 Quadruple 2-Line to 1-Line Data Selector/Multiplexer
REVISED JULY 2025
CD74ACT157PWE4 TI1-CD74ACT157PWE4 Datasheet
1Mb / 23P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74ACT157PWG4 TI1-CD74ACT157PWG4 Datasheet
1Mb / 23P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results

Similar Description - CD74ACT157PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC157A TI-SN74LVC157A Datasheet
124Kb / 8P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI-74AC11157 Datasheet
69Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-Q1 TI-SN74LVC157A-Q1 Datasheet
181Kb / 7P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74ACT157M TI1-CD74ACT157M Datasheet
1Mb / 23P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74AHCT157 UTC-U74AHCT157 Datasheet
233Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
U74AHCT157 UTC-U74AHCT157_15 Datasheet
233Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR / MULTIPLEXER
logo
Texas Instruments
74ACT11157 TI1-74ACT11157 Datasheet
81Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-Q1 TI1-SN74LVC157A-Q1_15 Datasheet
795Kb / 13P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com