Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC253 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC253
Description  High-Speed CMOS Logic Dual 4-Input Multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC253 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC253 Datasheet HTML 1Page - Texas Instruments CD74HC253 Datasheet HTML 2Page - Texas Instruments CD74HC253 Datasheet HTML 3Page - Texas Instruments CD74HC253 Datasheet HTML 4Page - Texas Instruments CD74HC253 Datasheet HTML 5Page - Texas Instruments CD74HC253 Datasheet HTML 6Page - Texas Instruments CD74HC253 Datasheet HTML 7Page - Texas Instruments CD74HC253 Datasheet HTML 8Page - Texas Instruments CD74HC253 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Data to Outputs
tPLH,
tPHL
CL = 50pF
2
-
-
175
-
220
-
265
ns
4.5
-
-
35
-
44
-
53
ns
CL =15pF
5
-
14
-
-
-
-
-
ns
CL = 50pF
6
-
-
30
-
37
-
45
ns
Disable Delay Times
tPHZ, tPLZ CL = 50pF
2
-
-
150
-
190
-
225
ns
CL = 50pF
4.5
-
-
30
-
38
-
45
ns
CL = 15pF
5
-
12
-
-
-
-
-
ns
CL = 50pF
6
-
-
26
-
33
-
38
ns
Enable Delay Times
tPZH,
tPZL
CL = 50pF
2
-
-
110
-
140
-
165
ns
CL = 50pF
4.5
-
-
22
-
28
-
33
ns
CL = 15pF
5
-
9
-
-
-
-
-
ns
CL = 50pF
6
-
-
19
-
24
-
28
ns
Output Transition Times
tTLH,tTHL CL = 50pF
2
-
-
60
-
75
-
90
ns
4.5
-
-
12
-
15
-
18
ns
6
-
-
10
-
13
-
15
ns
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Three-State Output Capacitance
CO
-
-
-
-
20
-
20
-
20
pF
Power Dissipation Capacitance
(Notes 4, 5)
CPD
-5
-
46
-
-
-
-
-
pF
HCT TYPES
Propagation Delay
tPLH,
tPHL
Select to Outputs
CL = 50pF
4.5
-
-
40
-
50
-
60
ns
CL =15pF
5
-
16
-
-
-
-
ns
Data to Outputs
tPLH,
tPHL
CL = 50pF
4.5
-
-
38
-
48
-
57
ns
CL =15pF
5
-
16
-
-
-
-
-
ns
Disable Delay Times
tPLH,
tPHL
CL = 50pF
4.5
-
30
-
38
-
45
ns
CL =15pF
5
-
12
-
-
-
-
-
ns
Enable Delay Times
tPZH,
tPZL
CL = 50pF
4.5
-
-
30
-
38
-
45
ns
CL =15pF
5
-
12
-
-
-
-
-
ns
Output Transition Time
tTLH,tTHL CL = 50pF
4.5
-
-
12
-
15
-
18
ns
Input Capacitance
CIN
-
-
-
-
10
-
10
-
10
pF
Three-State Output Capacitance
CO
-
-
-
-
20
-
20
-
20
pF
Power Dissipation Capacitance
(Notes 4, 5)
CPD
-5
-
52
-
-
-
-
-
pF
NOTES:
4. CPD is used to determine the dynamic power consumption, per multiplexer.
5. PD = VCC
2 f
i (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD74HC253, CD74HCT253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com