Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP627-2 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP627-2
Description  Programmable Controllers DC-output Module Telecommunication
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP627-2 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP627-2 Datasheet HTML 1Page - Toshiba Semiconductor TLP627-2 Datasheet HTML 2Page - Toshiba Semiconductor TLP627-2 Datasheet HTML 3Page - Toshiba Semiconductor TLP627-2 Datasheet HTML 4Page - Toshiba Semiconductor TLP627-2 Datasheet HTML 5Page - Toshiba Semiconductor TLP627-2 Datasheet HTML 6Page - Toshiba Semiconductor TLP627-2 Datasheet HTML 7Page - Toshiba Semiconductor TLP627-2 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP627,TLP627-2,TLP627-4
2007-10-01
1
TOSHIBA Photocoupler GaAs IRED & Photo-Transistor
TLP627,TLP627-2,TLP627-4
Programmable Controllers
DC-output Module
Telecommunication
The TOSHIBA TLP627,-2 and -4 consists of a gallium arsenide infrared
emitting diode optically coupled to a darlington connected phototransistor
which has an integral base-emitter resistor to optimize switching speed and
elevated temperature characteristics.
The TLP627-2 offers two isolated channels in a eight lead plastic DIP,
while the TLP627-4 provide four isolated channels per package.
Collector-Emitter Voltage
: 300V(Min)
Current Transfer Ratio
: 1000%(Min)
Isolation Voltage
: 5000Vrms(Min)
UL Recognized
: UL1577,File No.E67349
Made in Japan
Made in Thailand
UL Recognized
E67349
*1
E152349
*1
BSI Approved
7426, 7427
*2
7426, 7427
*2
*
1 UL1577
*2 BS EN60065: 2002, BS EN60950-1: 2002
TOSHIBA
11−5B2
Weight: 0.26 g (typ.)
TOSHIBA
11−10C4
Weight: 0.54 g (typ.)
TOSHIBA
11−20A3
Weight: 1.1 g (typ.)
Unit in mm
1: ANODE
2: CATHODE
3: EMITTER
4:COLLECTOR
1
2
3
4
TLP627
1
2
3
4
5
6
7
8
TLP627-2
1,3: ANODE
2,4: CATHODE
5,7: EMITTER
6,8:COLLECTOR
1
2
3
4
5
6
7
8
TLP627-4
9
10
11
12
13
14
15
16
1,3,5,7
: ANODE
2,4,6,8
: CATHODE
9,11,13,15 : EMITTER
10,12,14,16 :COLLECTOR
Pin Configuration (top view)


Similar Part No. - TLP627-2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP627-2 TOSHIBA-TLP627-2 Datasheet
367Kb / 8P
PROGRAMMABLE CONTROLLERS. DC-OUTPUT MODULE. TELECOMMUNICATION.
TLP627-2 TOSHIBA-TLP627-2 Datasheet
758Kb / 8P
GaAs IRED & PHOTO-TRANSISTOR
More results

Similar Description - TLP627-2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP127 TOSHIBA-TLP127 Datasheet
328Kb / 8P
PROGRAMMABLE CONTROLLERS DC-OUTPUT MODULE TELECOMMUNICATION
TLP620 TOSHIBA-TLP620 Datasheet
425Kb / 9P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP626 TOSHIBA-TLP626 Datasheet
387Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
TLP627 TOSHIBA-TLP627 Datasheet
367Kb / 8P
PROGRAMMABLE CONTROLLERS. DC-OUTPUT MODULE. TELECOMMUNICATION.
logo
Fairchild Semiconductor
TLP630 FAIRCHILD-TLP630 Datasheet
892Kb / 9P
Programmable Controllers AC / DC-Input Module Telecommunication
logo
Toshiba Semiconductor
TLP126 TOSHIBA-TLP126 Datasheet
179Kb / 8P
Programmable Controllers AC DC-Input Module Telecommunication
TLP127TPLUF TOSHIBA-TLP127TPLUF Datasheet
164Kb / 8P
Programmable Controllers DC?뭀utput Module Telecommunication
TLP620-4GB TOSHIBA-TLP620-4GB Datasheet
234Kb / 9P
Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP624F TOSHIBA-TLP624F Datasheet
210Kb / 8P
Programmable Controllers AC/DC?묲nput Module Telecommunication
TLP130GB TOSHIBA-TLP130GB Datasheet
183Kb / 9P
Programmable Controllers AC / DC?묲nput Module Telecommunication
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com