Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5048 Datasheet(PDF) 28 Page - ams AG

Part # AS5048
Description  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5048 Datasheet(HTML) 28 Page - ams AG

Back Button AS5048 Datasheet HTML 22Page - ams AG AS5048 Datasheet HTML 23Page - ams AG AS5048 Datasheet HTML 24Page - ams AG AS5048 Datasheet HTML 25Page - ams AG AS5048 Datasheet HTML 26Page - ams AG AS5048 Datasheet HTML 27Page - ams AG AS5048 Datasheet HTML 28Page - ams AG AS5048 Datasheet HTML 29Page - ams AG AS5048 Datasheet HTML 30Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Revision 1.3
www.austriamicrosystems.com/AS504 8
Page 27 of 29
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
6.4
Physical Placement of the Magnet
The best linearity can be achieved by placing the center of the magnet exactly over the defined center of the chip as shown
in the drawing below:
1
Defined
center
2.5 mm
2.5 mm
3.2 mm
3.2 mm
Area of recommended maximum
magnet misalignment
Rd
Figure 17 : Defined chip center and magnet displac ement radius
6.5
Magnet Placement
The magnet’s center axis should be aligned within a displacement radius Rd of 0.25 mm (larger magnets allow more
displacement e.g. 0.5 mm) from the defined center of the IC.
The magnet may be placed below or above the device. The distance should be chosen such that the magnetic field on the
die surface is within the specified limits The typical distance “z” between the magnet and the package surface is 0.5mm to
2.5mm, provided the use of the recommended magnet material and dimensions (6mm x 3mm). Larger distances are
possible, as long as the required magnetic field strength stays within the defined limits.
However, a magnetic field outside the specified range may still produce usable results, but the out-of-range condition will be
indicated by indication flags.
Package surface
Die surface
N
S
Figure 18: Vertica l plac ement of the magnet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com