Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5050 Datasheet(PDF) 19 Page - ams AG

Part # AS5050
Description  Low Power 10-Bit Magnetic Rotary Encoder
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5050 Datasheet(HTML) 19 Page - ams AG

Back Button AS5050_07 Datasheet HTML 15Page - ams AG AS5050_07 Datasheet HTML 16Page - ams AG AS5050_07 Datasheet HTML 17Page - ams AG AS5050_07 Datasheet HTML 18Page - ams AG AS5050_07 Datasheet HTML 19Page - ams AG AS5050_07 Datasheet HTML 20Page - ams AG AS5050_07 Datasheet HTML 21Page - ams AG AS5050_07 Datasheet HTML 22Page - ams AG AS5050_07 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
www.ams.com/AS5050
Revision 1.16
19 - 25
AS5050
Datasheet - Ap plicati on Information
8.1.4 SPI Over Long Distances
Over long cable distances you will have coupling capacitance between signals. Therefore consider some aspects.
The circuitry of the connection is shown in Figure 16.
Figure 16. Circuitry of SPI Over Long Distances
One aspect is that between MISO and SCK must be separated with VSS. Additionally filter circuitry, reduces the disturbance to a minimum.
Resistors close to the output pins reduce communication noise and increase EMC.
Required resistors on the output pins are between 100 Ohm and 1000 Ohm. Required capacitance is 100pF.
Place the resistors and capacitors as near as possible to the pins.
For additional information on this issue, please refer to the application note AS5055_SPI_APPNote.
SPI Interface
AS5050
SPI Interface
µC
MOSI
MISO
VSS
SCK
SS/
MOSI
MISO
VSS
SCK
SS/
R
R
R
C
C
C
C
C
C
C
C
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com