Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5115-HSSP Datasheet(PDF) 6 Page - ams AG

Part # AS5115-HSSP
Description  Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5115-HSSP Datasheet(HTML) 6 Page - ams AG

Back Button AS5115-HSSP Datasheet HTML 2Page - ams AG AS5115-HSSP Datasheet HTML 3Page - ams AG AS5115-HSSP Datasheet HTML 4Page - ams AG AS5115-HSSP Datasheet HTML 5Page - ams AG AS5115-HSSP Datasheet HTML 6Page - ams AG AS5115-HSSP Datasheet HTML 7Page - ams AG AS5115-HSSP Datasheet HTML 8Page - ams AG AS5115-HSSP Datasheet HTML 9Page - ams AG AS5115-HSSP Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.austriamicrosystems.com/AS5115
Revision 1.11
5 - 20
AS5115
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
Unless otherwise noted in this specification, all defined tolerances of parameters are assured over the whole operation conditions range and also
over lifetime.
Table 3. Operating Conditions
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDD
Positive Supply Voltage
4.5
5.5
V
VSS
Negative Supply Voltage
0.0
0.0
V
T_amb
Ambient temperature
-40
150
ºC
Table 4. DC/AC Characteristics for Digital Inputs and Outputs
Symbol
Parameter
Condition
Min
Typ
Max
Unit
CMOS Input
V_IH
High level input voltage
0.7 * VDD
VDD
V
V_IL
Low level input voltage
0
0.3 * VDD
V
I_LEAK
Input Leakage Current
1
µA
CMOS Output
V_OH
High level output voltage
4mA
VDD - 0.5
VDD
V
V_OL
Low level output voltage
4mA
0
VSS + 0.4
V
C_L
Capacitive Load
35
pF
CMOS Output Tristate
I_OZ
Tristate Leakage Current
1
µA
Table 5. Magnetic Input Specification
Symbol
Parameter
Condition
Min
Typ
Max
Unit
BZpp
Magnetic input field amplitude
Peak to peak at the radius
(=1mm) of the hall array
32
160
mT
B_offset
Magnetic field offset
Within the linear range of the magnet
-10
+10
mT
frot
Rotational speed
Maximum 30,000 RPM
0
500
Hz
Table 6. Electrical System Specifications
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IDD
Current Consumption
Maximum value derived at maximum I_H
(Hall Bias Current)
28
mA
tpower_on
Power up time
1.275
ms
tprop
Propagation delay
-40ºC to 150ºC
18
22
30
µs
M
Magnetic Sensitivity
Version: AS5115
10
60
mV / mT
Version: AS5115A
20.72
28
35.28
VPP
Analog output voltage amplitude
(peak to peak)
1.38
1.94
2.5
V
AMTemp AM tracking accuracy over temperature
-40ºC to 150ºC
-1
+1
%
AM
Sin / Cos Amplitude mismatch
25ºC
-2
+2
%
Voffset1
Output DC offset voltage
At no input signal; programmable OTP
setting (see page 8)
1.47
1.5
1.53
V
Voffset2
2.45
2.5
2.55
DCoffdrift
DC Offset Drift
-40ºC to 150ºC
-50
+50
µV/ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com