Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5130 Datasheet(PDF) 5 Page - ams AG

Part # AS5130
Description  8-Bit Programmable Magnetic Rotary Encoder with Motion Detection Multiturn
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 5 Page - ams AG

  AS5130_07 Datasheet HTML 1Page - ams AG AS5130_07 Datasheet HTML 2Page - ams AG AS5130_07 Datasheet HTML 3Page - ams AG AS5130_07 Datasheet HTML 4Page - ams AG AS5130_07 Datasheet HTML 5Page - ams AG AS5130_07 Datasheet HTML 6Page - ams AG AS5130_07 Datasheet HTML 7Page - ams AG AS5130_07 Datasheet HTML 8Page - ams AG AS5130_07 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
www.austriamicrosystems.com/AS5130
Revision 1.12
4 - 41
AS5130
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Description
CAO
1
Indicates if the magnetic field is present. If the field is too low, the signal is HI.
PROG
2
OTP Programming Pad, programming voltage. For normal operation it must be left
unconnected.
VSS
3
Supply Ground.
SINP
4
Used for factory testing. For normal operation it must be left unconnected.
SINN
5
Used for factory testing. For normal operation it must be left unconnected.
COSP
6
Used for factory testing. For normal operation it must be left unconnected.
COSN
7
Used for factory testing. For normal operation it must be left unconnected.
Test Coil
8
Test pin. Must be left unconnected.
DCLK
9
Clock Source for SSI communication. Schmitt trigger input.
CS
10
Chip Select for SSI. Active high. Schmitt trigger input.
DIO
11
Data input / output for SSI communication.
VDD
12
Positive Supply Voltage 5V.
C1
13
Test mode selector. For normal operation it must be connected to VSS.
WAKE
14
Interrupt output. Used for polling mode. Open Drain NMOS. Use pull-up resistor with
>1.5k
Ω.
PWM
15
Pulse Width Modulation output. 0.5µs width step per LSB.
DVDD
16
Pin to connect to low power supply for polling mode. Must be connected to VSS in normal
mode.
AS5130
1
2
3
4
5
6
7
8
12
16
15
14
13
CAO
PROG
VSS
SINP
SINN
COSP
COSN
TestCoil
DVDD
PWM
WAKE
C1
VDD
DIO
CS
DCLK
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com