Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5134 Datasheet(PDF) 26 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 26 Page - ams AG

Back Button AS5134 Datasheet HTML 22Page - ams AG AS5134 Datasheet HTML 23Page - ams AG AS5134 Datasheet HTML 24Page - ams AG AS5134 Datasheet HTML 25Page - ams AG AS5134 Datasheet HTML 26Page - ams AG AS5134 Datasheet HTML 27Page - ams AG AS5134 Datasheet HTML 28Page - ams AG AS5134 Datasheet HTML 29Page - ams AG AS5134 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
www.austriamicrosystems.com/AS5134
Revision 2.3
25 - 32
AS5134
Datasheet - Application In form atio n
8.3 Multi Turn Counter
A 9-bit register is used for counting the magnet’s revolutions. With each zero transition in any direction, the output of a special counter is
incremented or decremented. The initial value after reset is 0 LSB. The multi turn value is encoded as complement on two. Clockwise rotation
gives increasing angle values and positive turn count. Counter clockwise rotation exhibits decreasing angle values and a negative turn count
respectively.
The counter output can be reset by using command 20 – SET MT Counter. It is immediately reset by the rising clock edge of this bit. Any zero
crossing between the clock edge and the next counter readout changes the counter value.
8.4 High Speed Operation
The AS5134 is using a fast tracking ADC (TADC) to determine the angle of the magnet. Once the TADC is synchronized with the angle, it sets
the LOCK bit in the status register. In worst case, usually at start-up, the TADC requires up to 179 steps to lock. Once it is locked, it requires only
one cycle to track the moving magnet. The AS5134 can operate in locked mode at rotational speeds up to 76875 rpm.
In Low Power Mode, the position of the TADC is frozen. It will continue from the frozen position once it is powered up again. If the magnet has
moved during the power down phase, several cycles will be required before the TADC is locked again. The tracking time to lock in with the new
magnet angle can be roughly calculated as:
(EQ 1)
Where:
tLOCK = Time required to acquire the new angle after power up from one of the reduced power modes [µs]
OldAngle = Angle position when one of the reduced power modes is activated [º]
NewAngle = Angle position after resuming from reduced power mode [º]
8.4.1 Propagation Delay
The Propagation delay is the time required from reading the magnetic field by the Hall sensors to calculating the angle and making it available on
the serial or PWM interface. While the propagation delay is usually negligible on low speeds, it is an important parameter at high speeds. The
longer the propagation delay, the larger becomes the angle error for a rotating magnet as the magnet is moving while the angle is calculated. The
position error increases linearly with speed. The main factors that contribute to the propagation delay are discussed in detail further in this
document.
Bit Code
Decimal Value
011111111
256
---
---
01111111
127
---
---
00000011
+3
00000010
+2
00000001
+1
00000000
0
11111111
-1
11111110
-2
11111101
-3
---
---
10000000
-128
---
---
100000000
-255
tLOCK
2
s NewAngle OldAngle
–
1.406
--------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com