Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5163 Datasheet(PDF) 21 Page - ams AG

Part # AS5163
Description  12-Bit Automotive Angle Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5163 Datasheet(HTML) 21 Page - ams AG

Back Button AS5163 Datasheet HTML 17Page - ams AG AS5163 Datasheet HTML 18Page - ams AG AS5163 Datasheet HTML 19Page - ams AG AS5163 Datasheet HTML 20Page - ams AG AS5163 Datasheet HTML 21Page - ams AG AS5163 Datasheet HTML 22Page - ams AG AS5163 Datasheet HTML 23Page - ams AG AS5163 Datasheet HTML 24Page - ams AG AS5163 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
www.austriamicrosystems.com/AS5163
Revision 2.7
20 - 36
AS5163
Datasheet - Application In form atio n
8.1.4 WRITE128
Figure 18 illustrates the format of the frame and the command.
Figure 18. Frame Organization of the WRITE128 Command
The command contains 8 frames. With this command, the AS5163 receives only frames. This command will transfer the data in the special
function registers (SFRs) of the device. The data is not permanent programmed using this command.
Table 16 describe the organization of the OTP data bits.
The access is performed with CMD field set to 0x9. The next 7 frames with CMD field set to 0x1. The 2 bytes of the first command will be written
at address 0 and 1 of the SFRs; the 2 bytes of the second command will be written at address 2 and 3; and so on, in order to cover all the 16
bytes of the 128 SFRs.
Note:
It is important to always complete the command. All 8 frames are needed. In case of a wrong command or a communication error, a
power on reset must be performed. The device will be delivered with the programmed Mem_Lock_AMS OTP bit. This bit locks the
content of the factory settings. It is impossible to overwrite this particular region. The written information will be ignored.
DATA1
DATA0
CMD
LSB
MSB
LSB
MSB
LSB
MSB
11
00
DATA3
DATA2
CMD
LSB
MSB
LSB
MSB
LSB
MSB
10
00
DATA5
DATA4
CMD
LSB
MSB
LSB
MSB
LSB
MSB
10
00
DATA7
DATA6
CMD
LSB
MSB
LSB
MSB
LSB
MSB
10
00
DATA9
DATA8
CMD
LSB
MSB
LSB
MSB
LSB
MSB
10
00
DATA11
DATA10
CMD
LSB
MSB
LSB
MSB
LSB
10
00
DATA13
DATA12
CMD
LSB
MSB
LSB
MSB
LSB
10
00
DATA15
DATA14
CMD
LSB
MSB
LSB
MSB
LSB
10
00
MSB
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com