Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5215 Datasheet(PDF) 2 Page - ams AG

Part # AS5215
Description  Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5215 Datasheet(HTML) 2 Page - ams AG

  AS5215 Datasheet HTML 1Page - ams AG AS5215 Datasheet HTML 2Page - ams AG AS5215 Datasheet HTML 3Page - ams AG AS5215 Datasheet HTML 4Page - ams AG AS5215 Datasheet HTML 5Page - ams AG AS5215 Datasheet HTML 6Page - ams AG AS5215 Datasheet HTML 7Page - ams AG AS5215 Datasheet HTML 8Page - ams AG AS5215 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
AS5215
Programmable 360º Magnetic Angle Encoder with Buffered SINE &
COSINE Output Signals
www.austriamicrosystems.com/AS5215
Revision 1.11
1 - 26
Datasheet
1 General Description
The AS5215 is a redundant, contactless rotary encoder sensor for
accurate angular measurement over a full turn of 360º and over an
extended ambient temperature range of -40ºC to +150ºC.
Based on an integrated Hall element array, the angular position of a
simple two-pole magnet is translated into analog output voltages.
The angle information is provided by means of buffered sine and
cosine voltages. This approach gives maximum flexibility in system
design, as it can be directly integrated into existing architectures and
optimized for various applications in terms of speed and accuracy.
With two independent dies in one package, the device offers true
redundancy. Usually the bottom die, which is exposed to slightly less
magnetic field is employed for plausibility check.
An SSI Interface is implemented for signal path configuration as well
as a one time programmable register block (OTP), which allows the
customer to adjust the signal path gain to adjust for different
mechanical constraints and magnetic field.
Figure 1. AS5215 Block Diagram
2 Key Features
Contactless angular position encoding
High precision analog output
Buffered Sine and Cosine signals
SSI Interface
Low power mode
Two programmable output modes: Differential or Single ended
Wide magnetic field input range: 20 – 80 mT
Wide temperature range: -40ºC to +150ºC
Fully automotive qualified to AEC-Q100, grade 0
Thin punched 32-pin QFN (7x7mm) package
3 Applications
The AS5215 is ideal for Electronic Power Steering systems and
general purpose for automotive or industrial applications in
microcontroller-based systems.
VDD
VSS
SINP/SINN
SINN/SINP/CM_SIN
COSP/COSN
COSN/COSP/CM_COS
Hall Array
&
Frontend
Amplifier
CS
DCLK
DIO
POWER
MANAGEMENT
BUFFER Stage
BUFFER Stage
OTP Register
Digital Part
SSI Interface
AS5215
PROG
Note:
This Block Diagram presents only one die.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com