Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5261 Datasheet(PDF) 18 Page - ams AG

Part # AS5261
Description  12-Bit Automotive Angle Position Sensor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5261 Datasheet(HTML) 18 Page - ams AG

Back Button AS5261 Datasheet HTML 14Page - ams AG AS5261 Datasheet HTML 15Page - ams AG AS5261 Datasheet HTML 16Page - ams AG AS5261 Datasheet HTML 17Page - ams AG AS5261 Datasheet HTML 18Page - ams AG AS5261 Datasheet HTML 19Page - ams AG AS5261 Datasheet HTML 20Page - ams AG AS5261 Datasheet HTML 21Page - ams AG AS5261 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
AS5261
Datasheet - Application In form atio n
www.ams.com
Revision 1.1
17 - 32
9.2.3 READ
Figure 11 shows the format of the frame:
Figure 11. Organization of the READ Command
The R/Wn bit in the first byte selects the mode. Between the data packets is always a break state. The break state has the same length as the
other data bits.
An even parity bit is used to guarantee a correct data transmission. The parity bit is generated by the 8 bits.
9.2.4 WRITE
Figure 12 shows the format of the frame:
Figure 12. Organization of the READ Command
IDLE
Reg. Address
P
S
High Byte
P
S
Low Byte
IDLE
S
P
AS5261 in Receiving
Mode
AS5261 in transmitting mode (Read
Access)
IDLE
Reg. Address
P
S
High Byte
P
S
Low Byte
IDLE
S
P
AS5261 in Receiving
Mode
AS5261 in Receiving Mode (Write Access)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com