Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5304 Datasheet(PDF) 4 Page - ams AG

Part # AS5304
Description  Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5304 Datasheet(HTML) 4 Page - ams AG

  AS5304_13 Datasheet HTML 1Page - ams AG AS5304_13 Datasheet HTML 2Page - ams AG AS5304_13 Datasheet HTML 3Page - ams AG AS5304_13 Datasheet HTML 4Page - ams AG AS5304_13 Datasheet HTML 5Page - ams AG AS5304_13 Datasheet HTML 6Page - ams AG AS5304_13 Datasheet HTML 7Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AS5304 Magnet Specification
2013-Sep [1-00]
page 4/7
3
Locating the Hall Sensor Array
The measurement radius should coincide with the Hall sensor array on the chip. The location of the
Hall sensors can be seen in Figure 3. The Hall sensor array is located 1.02mm above the horizontal
centerline of the TSSOP-20 package, or
3.20mm + 1.02mm = 4.22mm above the edge of pins #1….10 (top view, pin#1 at bottom left).
Figure 3
Location of Hall sensors in the TSSOP-20 package
0.2299±0.100
0.2341±0.100
Package
Outline
3.0475±0.235
Die C/L
0.7701±0.150
4
Dimensional Specification
Magnet Order # AS5000-MR20-44 on ams web shop www.ams.com/ICdirect
Parameter
Sym
bol
Min
Typ
Max
Unit
Note
Magnet material
Plastic bonded Strontium Ferrite
SrFe. Supplier-internal material
grade = BMNP-1612.
Remanence
Br
280
300
mT
Pole length
lp
2.0
mm
Suited for AS5304
Number of poles
44
Inner ring radius
ri
11.975
12
12.025
mm
Resolution
Res
3520
step
s/rev
With AS5304 @ 160x
interpolation
11.78
bit
880
ppr
Measurement
radius
rm
14.00
mm
Pole length* number of poles / 2π
Outer ring radius
ro
15.975
16
16.025
mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com