Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8501 Datasheet(PDF) 15 Page - ams AG

Part # AS8501
Description  High precision voltage and current measurement sensor interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8501 Datasheet(HTML) 15 Page - ams AG

Back Button AS8501_06 Datasheet HTML 11Page - ams AG AS8501_06 Datasheet HTML 12Page - ams AG AS8501_06 Datasheet HTML 13Page - ams AG AS8501_06 Datasheet HTML 14Page - ams AG AS8501_06 Datasheet HTML 15Page - ams AG AS8501_06 Datasheet HTML 16Page - ams AG AS8501_06 Datasheet HTML 17Page - ams AG AS8501_06 Datasheet HTML 18Page - ams AG AS8501_06 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
AS8501 - Data Sheet
austriamicrosystems
Revision 1.1, 04-April-06
www.austriamicrosystems.com
Page 14 of 40
After that the circuit returns in power-down for approximately 1s. During this time the last measurement (MSR register) is available on the SDI interface.
In this intermediate sleep-mode all modules except internal oscillator and divider are in power-down mode. The SDI interface works independent which
means that the measurement result is available by reading the MSR register. At any time the microprocessor can start any other mode via SDI. In such
a case the external clock must be switched on first.
The chip goes in MWU mode (mode 3) after it received the command for that. After that command 6 or more additional CLK pulses are needed before
external clock may go to power down mode (no CLK pulses, high level because of internal pull-up resistors). This 6 CLK pulses are needed for
synchronisation. On the way back to normal mode this restriction is not needed.
Mode 4: MAM
In this alarm mode the measurement defined in CRA is going on. The channel bit in the THR register must be cleared (channel A). The threshold value
may be positive or negative. Whenever the measured value exceeds the digital threshold value in the THR register the pin INTN (in this mode its
function is to signal alarm-condition) goes LO for one clock cycle. For negative threshold value the signed measurement result must be more negative
than the THR value to activate the alarm. During measurements the signal INTN is high. All modules are in power-up, measurements are continuously
going on.
Mode 5: MZP
Zener-Zap programming/reading. This mode for factory programming only and should not be used by the customer.
Mode 6: MPD
Power down mode. Individual analog blocks can be disabled/enabled. The data acquisition system is not running during this mode is activated.
Mode 7: MSI
The operation in this mode is exactly the same as in MMS mode except that the internal clock is used.
The SDI interface signals can become active whenever appropriate. This mode can be used if no external clock CLK is available. The measuring speed
is reduced by a factor of 16.
Modes 8-15: These modes are reserved for testing purposes and should not be used by the customer. Reading and writing of some registers is only
possible in these higher modes. Write to registers CAR (calibration register) and TRR (trimming register) is allowed only in test modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com