Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8525 Datasheet(PDF) 27 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 27 Page - ams AG

Back Button AS8525 Datasheet HTML 23Page - ams AG AS8525 Datasheet HTML 24Page - ams AG AS8525 Datasheet HTML 25Page - ams AG AS8525 Datasheet HTML 26Page - ams AG AS8525 Datasheet HTML 27Page - ams AG AS8525 Datasheet HTML 28Page - ams AG AS8525 Datasheet HTML 29Page - ams AG AS8525 Datasheet HTML 30Page - ams AG AS8525 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
26 - 37
AS8525
Datasheet - Application In form atio n
Figure 12. RX Interface
8.7 MODE Input EN
The AS8525 is switched from normal mode to the standby/sleep mode with a falling edge on EN and keeping TX high for TSTNDY_trigger time.
Device is switched from standby mode to normal mode with a rising edge at the EN pin. The mode change for AS8525 with a falling edge on EN
can be done independently from the state of the transceiver bus. The device enters into Serial port mode by forcing EN low and driving TX high
to low within Ttx_SP_trigger time after EN forced to low. This ensures the direct control of device to enter into standby/sleep mode by
microcontroller using EN pin.
Figure 13. EN Pin Functionality
The EN input has an internal active pull down to secure that if this pin is not connected, a low level will be generated.
RX
VCC
AS8525
MCU
Entry into
Serial Port
Mode
Ten_ENSCLK
EN
RD
WR
LEN1 LEN0 A4
D3
D2
D1
D0
Ttx_SP_trigger
Ttx_su
Normal
Mode
Serial Port
Mode
Normal
Mode
Standby/Sleep
Mode
Normal
Mode
Ttx_hd
TSTNDY_trigger
Ttx_su
TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com