Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8530 Datasheet(PDF) 15 Page - ams AG

Part # AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Datasheet(HTML) 15 Page - ams AG

Back Button AS8530_07 Datasheet HTML 11Page - ams AG AS8530_07 Datasheet HTML 12Page - ams AG AS8530_07 Datasheet HTML 13Page - ams AG AS8530_07 Datasheet HTML 14Page - ams AG AS8530_07 Datasheet HTML 15Page - ams AG AS8530_07 Datasheet HTML 16Page - ams AG AS8530_07 Datasheet HTML 17Page - ams AG AS8530_07 Datasheet HTML 18Page - ams AG AS8530_07 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
www.ams.com/Lin_CompanionIC/AS8530
Revision 1.1
14 - 32
AS8530
Datasheet - Detailed Descr i p ti on
7.4 RESET
Reset generates an external RESET signal to reset the microcontroller and all other external circuits. The reset functionality is illustrated in
Figure 4. Reset consists of a digital buffer at the output. RESET signal can be affected by RESET_VCC_N (which is the under-voltage reset on
VCC) and Window watchdog output. All those conditions which cause a drop in the VCC voltage will be detected from the low voltage reset unit,
which in-turn generates a reset signal. States like Temporary shut-down, Over-temperature monitor will influence the RESET output through
RESET_VCC_N signal only.
Figure 4. Reset Functionality
7.5 VCC Undervoltage Reset
The POR-VCC generates RESET_VCC_N signal as output which determines under-voltage reset of the output of the LDO. The rising edge of
the VCC gives an under-voltage reset “off” and the falling edge of the VCC gives an under-voltage reset “on”. This under-voltage signal is used to
control the RESET output. When VCC rises up Vuvr_off for a period greater than reset duration (tRes) then RESET_VCC_N switches from low
level to high level and pin RESET is inactive (high). If VCC falls below Vuvr_on for a period greater than a predetermined delay (trr) then
RESET_VCC_N switches from high level to low level and pin RESET is active (low). The RESET_VCC_N signal is used to initializes Window
watchdog timer, TX time-out, Test control circuits, 2-wire SP, and logic associated with SP (everything other than the SP control registers). VCC
under-voltage reset threshold voltage level adjustment can be made by 2 bit OTP as explained in OTP interface.
7.6 Window Watchdog (WWD)
To keep the external microcontroller always in proper function state, a window watchdog circuit is implemented. The WWD trigger is generated
by external MCU through SP interface. If the window is missed, a reset on the RESET pin with certain reset time (tRes) is generated. The WWD
function can be enabled or disabled by factory setting. The watchdog is started after the ASSP exits reset. Under normal working conditions,
microcontroller gives a WWD trigger every time in the window period of WD_TSV (service time). If the trigger does not occur during WD_TSV or
occurs too early during WD_TCL (non-service time), then RESET output is pulled low (active), which will reset the micro-controller. WWD circuit
is turned on after the RESET pin goes back to high (inactive). If VCC < Vuvr_on, WWD circuit is switched off. When the WWD function is
enabled, there is a 3-bit factory programming available to set the trigger window.
VCC
VSUP
VUVR_OFF
tRes
trr
T>Tj
T<Tj
t<trr
tRes
tRes
tRes
RESET
Initialization
Thermal shutdown
Spike VSUP
Low voltage VSUP
Current limitation active
VUVR_ON
tRes
MISSING
WATCHDOG
ACCESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com