Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3103 Datasheet(PDF) 6 Page - ams AG

Part # TCS3103
Description  LIGHT-TO-VOLTAGE COLOR SENSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3103 Datasheet(HTML) 6 Page - ams AG

Back Button TCS3103 Datasheet HTML 2Page - ams AG TCS3103 Datasheet HTML 3Page - ams AG TCS3103 Datasheet HTML 4Page - ams AG TCS3103 Datasheet HTML 5Page - ams AG TCS3103 Datasheet HTML 6Page - ams AG TCS3103 Datasheet HTML 7Page - ams AG TCS3103 Datasheet HTML 8Page - ams AG TCS3103 Datasheet HTML 9Page - ams AG TCS3103 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TCS3103, TCS3104
LIGHT-TO-VOLTAGE COLOR SENSOR
TAOS108B − JULY 2010
5
The LUMENOLOGY
r Company
r
r
Copyright
E 2010, TAOS Inc.
www.taosinc.com
TYPICAL CHARACTERISTICS
Figure 2
PHOTODIODE SPECTRAL RESPONSIVITY
λ − Wavelength − nm
400
500
600
700
800
900
1000 1100
300
0
0.2
0.4
0.6
0.8
1
TA = 25°C
Normalized to
Red @ 750 nm
Red
Blue
Green
Figure 3
NORMALIZED OUTPUT FREQUENCY
vs.
ANGULAR DISPLACEMENT
Q − Angular Displacement − °
0
0.2
0.4
0.6
0.8
1
−90
−60
−30
0
30
60
90
Angular Displacement is
Equal for Both Aspects
Figure 4
VDARK vs. TEMPERATURE
0
25
50
75
100
0
0.2
0.4
0.6
0.8
1
1.2
TA − Free-Air Temperature − °C
Gain = 1
y
Figure 5
IDD vs. TEMPERATURE
25
50
75
0
250
260
280
300
320
330
270
290
310
100
TA − Free-Air Temperature − °C
Ee = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com