Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3210 Datasheet(PDF) 3 Page - ams AG

Part # TCS3210
Description  PROGRAMMABLE COLOR LIGHT-TO-FREQUENCY CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3210 Datasheet(HTML) 3 Page - ams AG

  TCS3210 Datasheet HTML 1Page - ams AG TCS3210 Datasheet HTML 2Page - ams AG TCS3210 Datasheet HTML 3Page - ams AG TCS3210 Datasheet HTML 4Page - ams AG TCS3210 Datasheet HTML 5Page - ams AG TCS3210 Datasheet HTML 6Page - ams AG TCS3210 Datasheet HTML 7Page - ams AG TCS3210 Datasheet HTML 8Page - ams AG TCS3210 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TCS3200, TCS3210
PROGRAMMABLE
COLOR LIGHT-TO-FREQUENCY CONVERTER
TAOS099A − AUGUST 2011
2
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
GND
4
Power supply ground. All voltages are referenced to GND.
OE
3
I
Enable for fo (active low).
OUT
6
O
Output frequency (fo).
S0, S1
1, 2
I
Output frequency scaling selection inputs.
S2, S3
7, 8
I
Photodiode type selection inputs.
VDD
5
Supply voltage
Table 1. Selectable Options
S0
S1
OUTPUT FREQUENCY SCALING (fo)
S2
S3
PHOTODIODE TYPE
L
L
Power down
L
L
Red
L
H
2%
L
H
Blue
H
L
20%
H
L
Clear (no filter)
H
H
100%
H
H
Green
Available Options
DEVICE
TA
PACKAGE − LEADS
PACKAGE DESIGNATOR
ORDERING NUMBER
TCS3200
−40
°C to 85°C
SOIC−8
D
TCS3200D
TCS3210
−40
°C to 85°C
SOIC−8
D
TCS3210D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com