Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3414CS Datasheet(PDF) 15 Page - ams AG

Part # TCS3414CS
Description  DIGITAL COLOR SENSORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3414CS Datasheet(HTML) 15 Page - ams AG

Back Button TCS3414CS Datasheet HTML 11Page - ams AG TCS3414CS Datasheet HTML 12Page - ams AG TCS3414CS Datasheet HTML 13Page - ams AG TCS3414CS Datasheet HTML 14Page - ams AG TCS3414CS Datasheet HTML 15Page - ams AG TCS3414CS Datasheet HTML 16Page - ams AG TCS3414CS Datasheet HTML 17Page - ams AG TCS3414CS Datasheet HTML 18Page - ams AG TCS3414CS Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
TCS3404, TCS3414
DIGITAL COLOR SENSORS
TAOS137A − APRIL 2011
14
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Command Register
The command register specifies the address of the target register for subsequent read and write operations.
This register contains eight bits as described in Table 3 and defaults to 00h at power on.
Table 3. Command Register
6
75
4
ADDRESS
2
31
0
0
00
0
0
00
0
Reset Value:
COMMAND
CMD
TRANSACTION
FIELD
BITS
DESCRIPTION
CMD
7
Select command register. Must write as 1.
Transaction. Selects type of transaction to follow in subsequent data transfer.
FIELD VALUE
TRANSACTION
DESCRIPTION
00
Byte protocol
SMB read/write byte protocol
TRANSACTION
6:5
01
Word protocol
SMB read/write word protocol
10
Block protocol
SMB read/write block protocol
11
Interrupt clear
Clear any pending interrupt and is a write-
once-to-clear field
ADDRESS
4:0
Register Address. This field selects the specific control or status register for following write and read com-
mands according to Table 2.
NOTES: 1. An I2C block transaction will continue until the Master sends a stop condition. See Figure 18 and Figure 19. Unlike the I2C protocol,
the TCS3404/14 SMBus read/write protocol requires a Byte Count. All eight ADC Channel Data Registers (10h through 17h) can
be read simultaneously in a single SMBus transaction. This is the only 64-bit data block supported by the TCS3404 SMBus protocol.
The TRANSACTION field must be set to 10, and a read condition should be initiated with a COMMAND CODE of CFh. By using
a COMMAND CODE of CFh during an SMBus Block Read Protocol, the TCS3404 device will automatically insert the appropriate
Byte Count (Byte Count = 8) as illustrated in Figure 18. A write condition should not be used in conjunction with the 0Fh register.
2. Only the Send Byte Protocol should be used when clearing interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com