Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD2772 Datasheet(PDF) 12 Page - ams AG

Part # TMD2772
Description  DIGITAL ALS and PROXIMITY MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD2772 Datasheet(HTML) 12 Page - ams AG

Back Button TMD2772 Datasheet HTML 8Page - ams AG TMD2772 Datasheet HTML 9Page - ams AG TMD2772 Datasheet HTML 10Page - ams AG TMD2772 Datasheet HTML 11Page - ams AG TMD2772 Datasheet HTML 12Page - ams AG TMD2772 Datasheet HTML 13Page - ams AG TMD2772 Datasheet HTML 14Page - ams AG TMD2772 Datasheet HTML 15Page - ams AG TMD2772 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
TMD2772
DIGITAL ALS
and PROXIMITY MODULE
TAOS147
E − DECEMBER 2012
11
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Proximity Detection
Proximity detection is accomplished by measuring the amount of IR energy, from the internal IR LED, reflected
off an object to determine its distance. The internal proximity IR LED is driven by the integrated proximity LED
current driver as shown in Figure 8.
CH1
Prox
Integration
Prox Control
Prox
ADC
Prox LED
Current Driver
CH0
PDATAH(r0x019)
PDRIVE(r0x0F, b7:6)
Prox
Data
IR
LED
PTIME(r0x02)
PVALID(r0x13, b1)
PDL(r0x0D,b0)
PPULSE(r0x0E)
PGAIN(r0x0F, b3:2)
POFFSET(r0x1E)
PSAT(r0x13, b6)
PDIODE(r0x0F, b5:4)
Background Energy
PDATAL(r0x018)
Object
LDR
LEDK
LEDA
Figure 8. Proximity Detection
The LED current driver, output on the LDR terminal, provides a regulated current sink that eliminates the need
for an external current limiting resistor. The combination of proximity LED drive strength (PDRIVE) and proximity
drive level (PDL) determine the drive current. PDRIVE sets the drive current to 116 mA, 58 mA, 29 mA, or
14.5 mA when PDL is not asserted. However, when PDL is asserted, the drive current is reduced by a factor
of 9.
Referring to the Detailed State Machine figure, the LED current driver pulses the IR LED as shown in Figure 9
during the Prox Accum state. Figure 9 also illustrates that the LED On pulse has a fixed width of 7.3
μs and
period of 16.0
μs. So, in addition to setting the proximity drive current, 1 to 255 proximity pulses (PPULSE) can
be programmed. When deciding on the number of proximity pulses, keep in mind that the signal increases
proportionally to PPULSE, while noise increases by the square root of PPULSE.
LED On
LED Off
IR LED Pulses
Background
Energy
Reflected IR LED +
Background Energy
16.0
ms
7.3
ms
Figure 9. Proximity LED Current Driver Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com