Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24CS128 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24CS128
Description  2-Wire Serial EEPROMs with Permanent Software Write Protect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CS128 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24CS128 Datasheet HTML 1Page - ATMEL Corporation AT24CS128 Datasheet HTML 2Page - ATMEL Corporation AT24CS128 Datasheet HTML 3Page - ATMEL Corporation AT24CS128 Datasheet HTML 4Page - ATMEL Corporation AT24CS128 Datasheet HTML 5Page - ATMEL Corporation AT24CS128 Datasheet HTML 6Page - ATMEL Corporation AT24CS128 Datasheet HTML 7Page - ATMEL Corporation AT24CS128 Datasheet HTML 8Page - ATMEL Corporation AT24CS128 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Features
• One-Time Programmable (OTP) Feature
• Low-Voltage and Standard-Voltage Operation
– 5.0 (V
CC = 4.5V to 5.5V)
– 2.7 (V
CC = 2.7V to 5.5V)
– 1.8 (V
CC = 1.8V to 3.6V)
• Internally Organized 16,384 x 8 and 32,768 x 8
• 2-Wire Serial Interface
• Schmitt Trigger, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• 1 MHz (5V), 400 kHz (2.7V) and 100 kHz (1.8V) Compatibility
• Write Protect Pin for Hardware and Software Data Protection
• 64-Byte Page Write Mode (Partial Page Writes Allowed)
• Self-Timed Write Cycle (5 ms typical)
• High Reliability
– Endurance: 100,000 Write Cycles
– Data Retention: 40 Years
– ESD Protection: >4000V
• Automotive Grade and Extended Temperature Devices Available
• 8-Pin JEDEC PDIP and 8-Pin JEDEC and EIAJ SOIC Packages
Description
The AT24CS128/256 provides 131,072/262,144 bits of serial electrically erasable and
programmable read only memory (EEPROM) organized as 16,384/32,768 words of 8
bits each. The device’s cascadable feature allows up to 4 devices to share a common
2-wire bus. The device also features a one-time programmable 2048 bit array, which
once enabled, becomes read-only and cannot be overwritten. If not enabled, the OTP
section will function as part of the normal memory array. The device is optimized for
use in many industrial and commercial applications where low power and low voltage
operation are essential. The devices are available in space-saving 8-pin JEDEC PDIP
(AT24CS128/256), 8-pin EIAJ (AT24CS128/256), 8-pin JEDEC SOIC (AT24CS128)
packages. In addition, the entire family is available in 5.0V (4.5V to 5.5V), 2.7V (2.7V
to 5.5V) and 1.8V (1.8V to 3.6V) versions.
Rev. 1152A–09/98
2-Wire Serial
EEPROMs
with Permanent
Software Write
Protect
128K (16,384 x 8)
256K (32,768 x 8)
AT24CS128
AT24CS256
with Permanent
Software Write
Protect
Advanced
Information
Pin Configurations
Pin Name
Function
A0 to A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
8-Pin PDIP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-Pin SOIC
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA


Similar Part No. - AT24CS128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24CS16 ATMEL-AT24CS16_14 Datasheet
868Kb / 22P
Factory Programmed 128-bit Serial Number
More results

Similar Description - AT24CS128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
2-Wire Serial EEPROM with Permanent Software Write Protect
logo
Microchip Technology
24LCS52 MICROCHIP-24LCS52 Datasheet
81Kb / 12P
2K 2.5V I 2 C Serial EEPROM with Software Write Protect
1996
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02_07 Datasheet
487Kb / 21P
Two-wire Serial EEPROM with Permanent Software Write Protect
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
logo
Microchip Technology
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
EEPROM with Software Write-Protect
08/02/11
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com