Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL202R Datasheet(PDF) 6 Page - ams AG

Part # TSL202R
Description  128  1 LINEAR SENSOR ARRAY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL202R Datasheet(HTML) 6 Page - ams AG

Back Button TSL202R Datasheet HTML 2Page - ams AG TSL202R Datasheet HTML 3Page - ams AG TSL202R Datasheet HTML 4Page - ams AG TSL202R Datasheet HTML 5Page - ams AG TSL202R Datasheet HTML 6Page - ams AG TSL202R Datasheet HTML 7Page - ams AG TSL202R Datasheet HTML 8Page - ams AG TSL202R Datasheet HTML 9Page - ams AG TSL202R Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TSL202R
128 y 1 LINEAR SENSOR ARRAY
TAOS032F − JANUARY 2012
5
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Dynamic Characteristics over recommended ranges of supply voltage and operating free-air
temperature (see Figure 2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ts
Analog output settling time to
±1%
RL = 330 Ω,
CL = 10 pF
185
ns
tpd(SO) Propagation delay time, SO1, SO2
50
ns
TYPICAL CHARACTERISTICS
129 Clock Cycles
CLK
SI
AO
Hi-Z
Hi-Z
Figure 1. Timing Waveforms
AO1 (A02)
SI1 (SI2)
CLK
Pixel 64 (128)
ts
0 V
0 V
5 V
2.5 V
th(SI)
5 V
tsu(SI)
tw
1 (65)
2 (66)
64 (128)
65 (129)
ts
Pixel 1 (65)
2.5 V
2.5 V
2.5 V
2.5 V
tpd(SO)
tpd(SO)
SO1 (SO2)
Figure 2. Operational Waveforms (each section)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com