Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL208R Datasheet(PDF) 2 Page - ams AG

Part # TSL208R
Description  512  1 LINEAR SENSOR ARRAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL208R Datasheet(HTML) 2 Page - ams AG

  TSL208R Datasheet HTML 1Page - ams AG TSL208R Datasheet HTML 2Page - ams AG TSL208R Datasheet HTML 3Page - ams AG TSL208R Datasheet HTML 4Page - ams AG TSL208R Datasheet HTML 5Page - ams AG TSL208R Datasheet HTML 6Page - ams AG TSL208R Datasheet HTML 7Page - ams AG TSL208R Datasheet HTML 8Page - ams AG TSL208R Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TSL208R
512 y 1 LINEAR SENSOR ARRAY
TAOS031G − AUGUST 2011
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
D 512 × 1 Sensor-Element Organization
D 200 Dots-Per-Inch (DPI) Sensor Pitch
D High Linearity and Uniformity
D Wide Dynamic Range . . . 2000:1 (66 dB)
D Output Referenced to Ground
D Low Image Lag . . . 0.5% Typ
D Operation to 5 MHz
D Single 5-V Supply
D Replacement for TSL208
Description
The TSL208R linear sensor array consists of a 512
× 1
array of photodiodes and associated charge amplifier
circuitry. The pixels measure 120
μm (H) by 70 μm (W)
with 125-
μm center-to-center spacing and 55-μm
spacing between pixels. Operation is simplified by
internal control logic that requires only a serial-input (SI)
signal and a clock.
The TSL208R is intended for use in a wide variety of applications including mark detection and code reading,
optical character recognition (OCR) and contact imaging, edge detection and positioning as well as optical linear
and rotary encoding.
Functional Block Diagram
2
3
SI
CLK
512-Bit Shift Register
Q512
Switch Control Logic
Pixel
2
Pixel
512
Pixel
3
Analog
Bus
Q3
Q2
Q1
SO
6
Output
Amplifier
Gain
Trim
VDD
AO
GND
5
1
4
RL
330
W
Integrator
Reset
_
+
Pixel 1
Sample/
Output
S1
S2
2
1
3
1
2
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
(TOP VIEW)
VDD
SI
CLK
AO
GND
SO
VDD
1
2
3
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com