Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL230ARD Datasheet(PDF) 5 Page - ams AG

Part # TSL230ARD
Description  PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL230ARD Datasheet(HTML) 5 Page - ams AG

  TSL230ARD Datasheet HTML 1Page - ams AG TSL230ARD Datasheet HTML 2Page - ams AG TSL230ARD Datasheet HTML 3Page - ams AG TSL230ARD Datasheet HTML 4Page - ams AG TSL230ARD Datasheet HTML 5Page - ams AG TSL230ARD Datasheet HTML 6Page - ams AG TSL230ARD Datasheet HTML 7Page - ams AG TSL230ARD Datasheet HTML 8Page - ams AG TSL230ARD Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TSL230RD, TSL230ARD, TSL230BRD
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TAOS054P − OCTOBER 2007
4
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
TYPICAL CHARACTERISTICS
Figure 1
OUTPUT FREQUENCY
vs
IRRADIANCE
Ee − Irradiance − μW/cm2
S0 = L, S1 = H
S0 = H, S1 = L
VDD = 5 V
λp = 640 nm
TA = 25°C
S2 = S3 = L
S0 = H, S1 = H
0.001
0.01
0.1
1
10
100
1000
0.001 0.01 0.1
1
10
100
100k
1k
10k
1M
Figure 2
300 400
500
600
700
1000
800
900
1100
λ − Wavelength − nm
0
0.2
0.4
0.6
0.8
1.0
1.2
PHOTODIODE SPECTRAL RESPONSIVITY
Figure 3
DARK FREQUENCY
vs
TEMPERATURE
TA − Temperature − °C
−25
0
25
50
75
0
0.2
0.4
0.6
0.8
1
1.2
VDD = 5 V
Ee = 0
S0 = S1 = H
S2 = S3 = L
Figure 4
λ − Wavelength of Incident Light − nm
VDD = 5 V
TEMPERATURE COEFFICIENT
OF OUTPUT FREQUENCY
vs
WAVELENGTH OF INCIDENT LIGHT
0
1000
2000
3000
4000
5000
6000
7000
300
400
500
600
700
1000
800
900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com