Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL245 Datasheet(PDF) 4 Page - ams AG

Part # TSL245
Description  INFRARED LIGHT-TO-FREQUENCY CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL245 Datasheet(HTML) 4 Page - ams AG

  TSL245 Datasheet HTML 1Page - ams AG TSL245 Datasheet HTML 2Page - ams AG TSL245 Datasheet HTML 3Page - ams AG TSL245 Datasheet HTML 4Page - ams AG TSL245 Datasheet HTML 5Page - ams AG TSL245 Datasheet HTML 6Page - ams AG TSL245 Datasheet HTML 7Page - ams AG TSL245 Datasheet HTML 8Page - ams AG TSL245 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TSL245R
INFRARED LIGHT-TO-FREQUENCY CONVERTER
TAOS060D − SEPTEMBER 2007
3
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
TYPICAL CHARACTERISTICS
Figure 1
OUTPUT FREQUENCY
vs
IRRADIANCE
Ee − Irradiance − μW/cm2
0.001
0.01
0.1
1
10
100
1000
0.001
0.01
1
10
1000
0.1
100
VDD = 5 V
λp = 940 nm
TA = 25°C
Figure 2
PHOTODIODE SPECTRAL RESPONSE
λ − Wavelength − nm
TA = 25°C
0
0.2
0.4
0.6
0.8
1
700
800
900
1000
1100
600
Figure 3
DARK FREQUENCY
vs
TEMPERATURE
VDD = 5 V
Ee = 0
TA − Temperature − °C
−25
0
25
50
75
0
0.2
0.4
0.6
0.8
1
1.2
Figure 4
OUTPUT FREQUENCY
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
2.5
3
3.5
4
4.5
5
0.980
0.985
0.990
0.995
1.000
1.005
1.010
5.5
VDD = 5 V
TA = 25°C
fO = 20 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com