Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL261R Datasheet(PDF) 6 Page - ams AG

Part # TSL261R
Description  INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL261R Datasheet(HTML) 6 Page - ams AG

Back Button TSL261R Datasheet HTML 2Page - ams AG TSL261R Datasheet HTML 3Page - ams AG TSL261R Datasheet HTML 4Page - ams AG TSL261R Datasheet HTML 5Page - ams AG TSL261R Datasheet HTML 6Page - ams AG TSL261R Datasheet HTML 7Page - ams AG TSL261R Datasheet HTML 8Page - ams AG TSL261R Datasheet HTML 9Page - ams AG TSL261R Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TSL260R, TSL261R, TSL262R
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
TAOS049E −SEPTEMBER 2007
5
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
TYPICAL CHARACTERISTICS
OUTPUT VOLTAGE
vs
IRRADIANCE
Figure 3
0.1
1
10
100
1000
VDD = 5 V
λp = 940 nm
RL = 10 kW
TA = 25°C
Ee — Irradiance — mW/cm2
0.01
0.1
1
10
TSL260R
TSL261R
TSL262R
Figure 4
PHOTODIODE SPECTRAL RESPONSIVITY
λ − Wavelength − nm
700
800
900
1000
1100
600
0
0.2
0.4
0.6
0.8
1
TA = 25°C
Figure 5
4
2
1
0
5.5
2.5
3
3.5
5
MAXIMUM OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
4
4.5
5
3
VDD − Supply Voltage − V
RL = 10 kΩ
TA = 25°C
Figure 6
1
0.6
01
2
3
1.6
4
1.4
1.2
0.8
VO − Output Voltage − V
SUPPLY CURRENT
vs
OUTPUT VOLTAGE
VDD = 5 V
RL = 10 kW
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com