Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL1401CS-LF Datasheet(PDF) 5 Page - ams AG

Part # TSL1401CS-LF
Description  128X1 LINEAR SENSOR ARRAY WITH HOLD
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL1401CS-LF Datasheet(HTML) 5 Page - ams AG

  TSL1401CS-LF Datasheet HTML 1Page - ams AG TSL1401CS-LF Datasheet HTML 2Page - ams AG TSL1401CS-LF Datasheet HTML 3Page - ams AG TSL1401CS-LF Datasheet HTML 4Page - ams AG TSL1401CS-LF Datasheet HTML 5Page - ams AG TSL1401CS-LF Datasheet HTML 6Page - ams AG TSL1401CS-LF Datasheet HTML 7Page - ams AG TSL1401CS-LF Datasheet HTML 8Page - ams AG TSL1401CS-LF Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TSL1401CS−LF
128 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS072E − APRIL 2007
4
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
Electrical Characteristics at fclock = 1 MHz, VDD = 5 V, TA = 25°C, λp = 640 nm, tint = 5 ms,
RL = 330 Ω, Ee = 11 μW/cm2 (unless otherwise noted) (see Note 3 and Note 4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vout
Analog output voltage (white, average over 128 pixels) See Note 4
1.6
2
2.4
V
Vdrk
Analog output voltage (dark, average over 128 pixels)
Ee = 0
0
0.1
0.2
V
PRNU Pixel response nonuniformity
See Note 5
± 4%
± 10%
Nonlinearity of analog output voltage
See Note 6
± 0.4%
FS
Output noise voltage
See Note 7
1
mVrms
Re
Responsivity
See Note 8
25
35
44
V/
(μJ/cm2)
V
Analog output saturation voltage
VDD = 5 V, RL = 330 Ω
4.5
4.8
V
Vsat
Analog output saturation voltage
VDD = 3 V, RL = 330 Ω
2.5
2.8
V
SE
Saturation exposure
VDD = 5 V, See Note 9
136
nJ/cm2
SE
Saturation exposure
VDD = 3 V, See Note 9
78
nJ/cm2
DSNU Dark signal nonuniformity
All pixels, Ee = 0
See Note 10
0.02
0.05
V
IL
Image lag
See Note 11
0.5%
I
Supply current
VDD = 5 V, Ee = 0
2.8
4.5
mA
IDD
Supply current
VDD = 3 V, Ee = 0
2.6
4.5
mA
IIH
High-level input current
VI = VDD
1
μA
IIL
Low-level input current
VI = 0
1
μA
Ci
Input capacitance
5
pF
NOTES: 3. All measurements made with a 0.1 μF capacitor connected between VDD and ground.
4. The array is uniformly illuminated with a diffused LED source having a peak wavelength of 640 nm.
5. PRNU is the maximum difference between the voltage from any single pixel and the average output voltage from all pixels of the
device under test when the array is uniformly illuminated at the white irradiance level. PRNU includes DSNU.
6. Nonlinearity is defined as the maximum deviation from a best-fit straight line over the dark-to-white irradiance levels, as a percent
of analog output voltage (white).
7. RMS noise is the standard deviation of a single-pixel output under constant illumination as observed over a 5-second period.
8. Re(min) = [Vout(min) − Vdrk(max)] ÷ (Ee × tint)
9. SE(min) = [Vsat(min) − Vdrk(min)] × 〈Ee × tint) ÷ [Vout(max) − Vdrk(min)]
10. DSNU is the difference between the maximum and minimum output voltage for all pixels in the absence of illumination.
11. Image lag is a residual signal left in a pixel from a previous exposure. It is defined as a percent of white-level signal remaining after
a pixel is exposed to a white condition followed by a dark condition:
IL +
Vout (IL) * Vdrk
Vout (white) * Vdrk
100
Timing Requirements (see Figure 1 and Figure 2)
MIN
NOM
MAX
UNIT
tsu(SI)
Setup time, serial input (see Note 12)
20
ns
th(SI)
Hold time, serial input (see Note 11 and Note 13)
0
ns
tw
Pulse duration, clock high or low
50
ns
tr, tf
Input transition (rise and fall) time
0
500
ns
tqt
Pixel charge transfer time
20
μs
NOTES: 12. Input pulses have the following characteristics: tr = 6 ns, tf = 6 ns.
13. SI must go low before the rising edge of the next clock pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com