Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL1402R Datasheet(PDF) 15 Page - ams AG

Part # TSL1402R
Description  256X1 LINEAR SENSOR ARRAY WITH HOLD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL1402R Datasheet(HTML) 15 Page - ams AG

Back Button TSL1402R Datasheet HTML 9Page - ams AG TSL1402R Datasheet HTML 10Page - ams AG TSL1402R Datasheet HTML 11Page - ams AG TSL1402R Datasheet HTML 12Page - ams AG TSL1402R Datasheet HTML 13Page - ams AG TSL1402R Datasheet HTML 14Page - ams AG TSL1402R Datasheet HTML 15Page - ams AG TSL1402R Datasheet HTML 16Page - ams AG TSL1402R Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
TSL1402R
256 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS041G − NOVEMBER 2011
14
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
SOLDERING INFORMATION
TSL1402 256
y 1 linear array 14-lead gold pin package soldering instructions:
D The TSL1402R has been designed to withstand a lead temperature during soldering of 260°C for
10 seconds at a distance of 1.6 mm from the package body.
D In most applications, these through-hole parts will be sufficiently protected by the combination of the PCB
or flex plus the standoff provided by the package.
D If lead clipping is required, this should be performed after solder attach to prevent the pulling of the lead from
the package body.
D As in all board manufacturing, care should be taken to prevent part bending during board singulation or final
assembly.
D If the process includes both surface-mount parts and the TSL1402R, the surface mount operations should
be completed first with the through-hole parts afterward.
These parts can be washed as a part of the flux cleanup operation. A final top-surface cleanup may be required
with water or alcohol to remove any remaining particles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com